전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADA4841-2YRMZ-R7

  • AI
    ## Technical Overview of ADA4841-2YRMZ-R7 The **ADA4841-2YRMZ-R7** is a high-performance, dual-channel, low-power, rail-to-rail output operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is designed specifically for applications requiring high precision and low noise while operating under a strict power budget. --- ### Core Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Channels** | Dual (2 Op-Amps in one package) | | **Supply Voltage** | 2.7 V to 12 V (Single) or ±1.35 V to ±6 V (Dual) | | **Quiescent Current** | 1.1 mA per amplifier (typ) | | **Gain Bandwidth Product** | 80 MHz | | **Slew Rate** | 13 V/µs | | **Input Voltage Noise** | 2.1 nV/√Hz | | **Output Type** | Rail-to-Rail | | **Package Type** | MSOP-8 (YRMZ) | --- ### Key Electronic Features #### 1. Low Noise and Distortion The device is optimized for 16-bit to 18-bit ADC (Analog-to-Digital Converter) driving. With a noise density of only **2.1 nV/√Hz**, it ensures that the signal integrity is maintained even at high gains. #### 2. Power Efficiency Despite its high bandwidth (80 MHz), it consumes only **1.1 mA** of current per channel. This makes it ideal for battery-operated medical devices or portable instrumentation. #### 3. Rail-to-Rail Output The output can swing very close to the supply rails, maximizing the dynamic range of the signal. This is critical when working with low-voltage power supplies (e.g., 3.3V systems). #### 4. Packaging and Naming Convention * **ADA4841-2**: The base model (Dual channel version). * **YRMZ**: Refers to the **MSOP-8** package (Mini Small Outline Package). * **R7**: Indicates the tape and reel packaging (typically 7-inch reel containing 1,000 units). --- ### Common Applications 1. **ADC Drivers:** Buffering and filtering signals before they enter high-resolution SAR or Sigma-Delta ADCs. 2. **Portable Instrumentation:** Handheld multimeters or gas sensors where battery life is a priority. 3. **Active Filters:** Designing low-pass or high-pass filters with high precision. 4. **Medical Equipment:** Patient monitoring systems requiring low noise floors. --- ### Typical Circuit Connection (Voltage Follower) ```spice +V (3.3V) | [Pin 8] | In+ ----[Pin 3] \ | >---- Out (Pin 1) In- ----[Pin 2] / | | | +-------+ | [Pin 4] | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4841-1 and the ADA4841-2?
    • ⤷ Can the ADA4841-2 handle capacitive loads without instability?
    • ⤷ What is the typical input offset voltage for this specific Op-Amp?