전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADA4859-3ACPZ-R2

  • AI
    The **ADA4859-3ACPZ-R2** is a high-speed, triple video amplifier manufactured by Analog Devices. It is specifically designed to handle high-definition (HD) and standard-definition (SD) video signals with integrated charge pump technology. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | Triple High-Speed Operational Amplifier | | **Bandwidth (-3 dB)** | 195 MHz | | **Slew Rate** | 740 V/µs | | **Supply Voltage** | 3.0 V to 5.5 V (Single Supply) | | **Output Current** | 42 mA per channel | | **Package** | LFCSP-16 (3mm x 3mm) | | **Operating Temp** | -40°C to +105°C | --- ### 2. Core Functional Components #### A. Triple Amplifier Configuration The device contains three independent, high-speed amplifiers. This is ideal for RGB (Red, Green, Blue) or YPbPr (Component Video) signal processing, where three synchronized channels are required. #### B. Integrated Charge Pump One of the standout features is the on-board charge pump. - **Purpose:** It generates a negative internal supply rail. - **Benefit:** This allows the output to swing below ground (True Single-Supply), eliminating the need for large, expensive DC-blocking capacitors at the output stage. #### C. Fixed Gain or External Gain The "3" in the series often refers to the triple nature, but internal feedback resistors are set to provide a fixed gain of 2, which compensates for the 6 dB loss typically found in back-terminated video cables. --- ### 3. Application Use Cases This part is predominantly used in consumer electronics and professional video equipment: 1. **Set-Top Boxes:** Processing HD/SD video signals. 2. **DVD Players/Recorders:** Signal buffering for analog outputs. 3. **Personal Video Recorders (PVR):** Driving video lines for displays. 4. **Projectors:** Managing RGB color signals. --- ### 4. PCB Design Considerations (Footprint) The `ACPZ-R2` suffix indicates the package type and reel size: - **LFCSP-16:** Lead Frame Chip Scale Package with 16 pins. It has an exposed thermal pad that **must** be soldered to the PCB ground plane for heat dissipation. - **R2:** Indicates the tape and reel size (usually 250 units for R2). ```c // Example: Schematic Pinout Logic Pin 1: VOUT1 (Output 1) Pin 2: VIN1 (Input 1) Pin 4: VCC (Positive Supply) Pin 8: CP (Charge Pump Capacitor connection) Pin 16: VOUT3(Output 3) ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a charge pump in video amplifiers?
    • ⤷ How does the fixed gain of 2 simplify video circuit design?
    • ⤷ What are the thermal management requirements for the LFCSP-16 package?