전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADA4891-2ARZ-R7

  • AI
    ## Overview of ADA4891-2ARZ-R7 The **ADA4891-2ARZ-R7** is a high-speed, CMOS, dual-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed for high performance at a low cost, making it ideal for consumer electronics and video applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3 dB)** | 240 MHz | | **Slew Rate** | 210 V/µs | | **Supply Voltage Range** | 2.7 V to 5.5 V (Single Supply) | | **Output Current** | 125 mA | | **Input Bias Current** | 2 pA (Typical) | | **Package Type** | SOIC-8 (N-8) | | **Settling Time** | 50 ns (to 0.1%) | --- ### 2. Core Features * **Rail-to-Rail Output:** The output swing extends to within millivolts of the supply rails, maximizing the dynamic range. * **High Speed:** With a 240 MHz bandwidth and high slew rate, it can handle rapid signal transitions without significant distortion. * **Single-Supply Operation:** Optimized for low-voltage systems (3.3V or 5V), which is standard in modern digital and portable electronics. * **Low Cost:** Specifically engineered for high-volume applications where budget is a constraint but performance is required. --- ### 3. Pin Configuration (SOIC-8) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | OUTPUT1 | Output of the first amplifier | | 2 | -INPUT1 | Inverting input of the first amplifier | | 3 | +INPUT1 | Non-inverting input of the first amplifier | | 4 | V- | Negative supply (or Ground) | | 5 | +INPUT2 | Non-inverting input of the second amplifier | | 6 | -INPUT2 | Inverting input of the second amplifier | | 7 | OUTPUT2 | Output of the second amplifier | | 8 | V+ | Positive supply voltage | --- ### 4. Typical Applications 1. **Video Electronics:** Used in professional and consumer video filters, buffers, and drivers (NTSC/PAL). 2. **ADC Drivers:** High-speed buffer to drive the inputs of Analog-to-Digital Converters. 3. **Active Filters:** Designing high-order filters with wide frequency responses. 4. **Optical Networking:** Used in photodiode transimpedance amplification. --- ### 5. Implementation Example Below is a simple Python representation of how one might calculate the gain of a non-inverting amplifier circuit using this part: ```python # Calculation for Non-Inverting Op-Amp Gain # Formula: Gain = 1 + (Rf / Rg) def calculate_gain(rf, rg): gain = 1 + (rf / rg) return gain # Example: 1k Ohm Feedback resistor and 1k Ohm Gain resistor rf_value = 1000 # Ohms rg_value = 1000 # Ohms print(f"The circuit gain is: {calculate_gain(rf_value, rg_value)}") ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between ADA4891-2 and ADA4891-4?
    • ⤷ How does the rail-to-rail output benefit video signal processing?
    • ⤷ What is the importance of the 210 V/µs slew rate in this op-amp?