전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADAR5001ACBZ-R7

  • AI
    # Technical Overview: ADAR5001ACBZ-R7 The **ADAR5001ACBZ-R7** is a high-performance, integrated silicon germanium (SiGe) microwave integrated circuit manufactured by Analog Devices. It is primarily designed as a **4-channel X-band receiver front-end** for phased array radar and communication systems. --- ## 1. Key Internal Electronic Components The device integrates several critical RF functions into a single chip to reduce system complexity and footprint. | Component | Function | | :--- | :--- | | **LNA (Low Noise Amplifier)** | Boosts weak incoming signals while maintaining a low noise figure to preserve signal integrity. | | **Phase Shifter** | 6-bit digital control allowing $360^\circ$ coverage with fine resolution ($5.625^\circ$ steps). | | **VGA (Variable Gain Amplifier)** | Provides gain control (typically 31 dB range) to normalize signal levels across channels. | | **Power Detector** | Integrated circuitry to monitor signal strength for calibration and protection. | | **Digital Controller** | SPI-compatible interface for programming phase, gain, and power modes. | --- ## 2. Technical Specifications Below are the critical electrical parameters for the ADAR5001ACBZ-R7: ### RF Performance * **Frequency Range:** 8.0 GHz to 12.0 GHz (X-Band). * **Noise Figure:** Typically 3.0 dB to 3.5 dB (crucial for receiver sensitivity). * **Gain:** Maximum gain of approximately 25 dB per channel. * **Channel Isolation:** High isolation (>30 dB) to prevent crosstalk between the four channels. ### Power & Packaging * **Supply Voltage:** Dual supply (typically 1.8V and 3.3V). * **Package Type:** WLCSP (Wafer Level Chip Scale Package), making it extremely compact for high-density antenna arrays. * **Operating Temperature:** $-40^\circ\text{C}$ to $+85^\circ\text{C}$. --- ## 3. Programming and Control The device uses a 4-wire **Serial Port Interface (SPI)** to manage its internal registers. This allows for: * Fast beamforming updates. * Individual channel power-down (Enable/Disable). * Storage of calibration states (Bias settings). ```c // Conceptual SPI Write for Phase Control void set_phase(uint8_t channel, uint8_t phase_value) { uint16_t address = ADAR5001_PHASE_REG + channel; spi_send(address, phase_value & 0x3F); // 6-bit resolution } ``` --- ## 4. Typical Application Circuit In a standard radar architecture, the ADAR5001 sits between the antenna elements and the analog-to-digital converters (ADCs) or further down-conversion stages. 1. **Antenna Input:** Receives X-band signal. 2. **ADAR5001 Processing:** LNA amplifies -> Phase Shifter adjusts beam direction -> VGA balances amplitude. 3. **Combiner:** The 4 channels are often summed into a single output for further processing.
    ✨ Follow-up Questions
    • ⤷ What is the power consumption per channel for the ADAR5001?
    • ⤷ How does the WLCSP package impact thermal management in radar designs?
    • ⤷ Is there a complementary transmitter chip recommended for use with the ADAR5001?