전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADCLK907BCPZ-R2

  • AI
    ## Overview of ADCLK907BCPZ-R2 The **ADCLK907BCPZ-R2** is a high-performance, ultrafast clock/data buffer manufactured by Analog Devices. It is designed specifically for high-speed signal distribution where low jitter and minimal propagation delay are critical. It utilizes **SiGe (Silicon Germanium)** bipolar technology to achieve sub-nanosecond speeds. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | SiGe Differential ECL (PECL/NECL) | | **Number of Inputs** | 1 (Differential) | | **Number of Outputs** | 1 (Differential) | | **Max Propagation Delay** | 95 ps | | **Random Jitter** | 60 fs (rms) | | **Max Toggle Rate** | 7.5 GHz | | **Supply Voltage** | 2.5V to 3.3V | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ### Functional Components & Pinout Features The device is more than just a simple buffer; it includes several specialized internal features: 1. **Differential Inputs (IN/INN):** * Designed to interface with CML, PECL, LVDS, and even sine wave signals. * Features internal termination options to simplify PCB layout. 2. **$V_{REF}$ Pin:** * Provides a reference voltage output to bias AC-coupled inputs, ensuring the signal stays within the common-mode range. 3. **ECL Output Drivers:** * The outputs are high-speed differential ECL. They require external termination (typically 50 $\Omega$ to $V_{CC} - 2V$) to function correctly. 4. **Thermal Pad:** * The 16-lead LFCSP package includes an exposed pad that must be soldered to the PCB ground plane for heat dissipation and electrical stability. --- ### Typical Application Circuit When integrating the ADCLK907, the termination of the high-speed lines is the most critical aspect. ```markdown [Input Source] ----> (AC Coupling Caps) ----> [ADCLK907 IN/INN] | [Internal Core] | [VCC - 2V] <---- (50 Ohm Resistor) <--------- [OUT/OUTN] ``` --- ### Common Use Cases * **Clock Distribution:** Distributing high-frequency master clocks to ADCs or DACs in communications systems. * **High-Speed Data Buffering:** Regenerating signals that have suffered degradation over long PCB traces. * **Test and Measurement:** Used in oscilloscopes and signal generators where timing precision is paramount. * **Level Translation:** Converting various differential signal standards into ECL-compatible logic. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the ECL outputs of the ADCLK907?
    • ⤷ How does the random jitter of 60 fs affect high-speed ADC sampling performance?
    • ⤷ Can the ADCLK907 be used with a single-ended input signal?