전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADCMP601BKSZ-R2

  • AI
    The **ADCMP601BKSZ-R2** is a high-performance, single-supply comparator designed for high-speed applications. It is manufactured by Analog Devices and belongs to their family of fast, rail-to-rail comparators. --- ### ## 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 3.5 ns (typical) | | **Supply Voltage Range** | 2.5 V to 5.5 V | | **Output Type** | CMOS/TTL Compatible | | **Input Common-Mode Range** | -0.2 V to $V_{CC} + 0.2 V$ | | **Quiescent Current** | 3 mA | | **Package Type** | SC70-6 (6-lead) | --- ### ## 2. Core Functional Blocks The internal architecture of the ADCMP601 is optimized for speed and stability: 1. **Input Stage:** Features a rail-to-rail input range, allowing signals to swing slightly beyond the supply rails without phase reversal. 2. **Latch Function:** Includes a "Latch Enable" (LE) pin. When the latch is active, the output is held at its current state regardless of changes at the input. 3. **Hysteresis:** The device includes internal hysteresis to prevent output oscillations caused by noise on slowly moving input signals. 4. **Output Driver:** Provides a CMOS/TTL compatible output capable of driving logic gates directly. --- ### ## 3. Typical Application Schematic To integrate this part, a standard configuration usually involves bypass capacitors and proper termination. ```c // Typical Pin Configuration (SC70-6) Pin 1: VCC (Power Supply) Pin 2: GND (Ground) Pin 3: IN+ (Non-inverting Input) Pin 4: IN- (Inverting Input) Pin 5: LE (Latch Enable) Pin 6: Q (Output) ``` --- ### ## 4. Common Use Cases * **High-Speed Line Receivers:** Converting distorted signals back into clean digital pulses. * **Clock and Data Restoration:** Used in telecommunications to recover timing signals. * **Peak Detectors:** Identifying the highest voltage point in a fast-moving waveform. * **Pulse Width Modulation (PWM):** Generating high-frequency PWM signals for power control. --- ### ## 5. Design Considerations * **Decoupling:** Use a 0.1 µF ceramic capacitor placed as close as possible to the $V_{CC}$ pin to minimize noise. * **PCB Layout:** Since this is a high-speed device (3.5 ns delay), ground planes and short traces are essential to prevent EMI and ringing. * **Latch Pin:** If the latching feature is not required, the LE pin should be tied to ground (or as specified in the datasheet) to ensure the comparator remains in "transparent" mode.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADCMP601 and the ADCMP600?
    • ⤷ How does the Latch Enable (LE) pin timing affect high-speed data capture?
    • ⤷ What are the thermal considerations for the SC70-6 package in high-frequency switching?