전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADCMP607BCPZ-R7

  • AI
    ## ADCMP607BCPZ-R7: Technical Overview The **ADCMP607BCPZ-R7** is a high-speed comparator manufactured by Analog Devices. It is specifically designed for applications requiring fast response times and low power consumption, utilizing a Rail-to-Rail input and LVDS (Low-Voltage Differential Signaling) output. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 800 ps (Typical) | | **Output Type** | LVDS | | **Supply Voltage** | 2.5 V to 5.5 V | | **Power Consumption** | ~21 mW at 2.5 V | | **Input Range** | Rail-to-Rail | | **Package** | 12-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Electronic Components & Features #### A. LVDS Output Stage Unlike standard TTL or CMOS comparators, this device uses **LVDS logic**. This is critical for high-speed systems because: * It reduces electromagnetic interference (EMI). * It allows for high-speed data transmission over differential pairs. * It maintains signal integrity over longer distances compared to single-ended signals. #### B. Rail-to-Rail Input Structure The input stage is designed to handle voltages that span the entire range of the supply rails (from $V_{EE}$ to $V_{CC}$). This prevents signal clipping and allows for flexible interfacing with various sensor types. #### C. Latch Enable Functionality The chip includes a **Latch** pin. When the latch is activated, the output is "frozen" at its current state regardless of changes at the input. This is essential for: * Synchronizing data with a system clock. * Preventing oscillations in noisy environments. #### D. Built-in Hysteresis To prevent "chatter" (rapid, unwanted switching) when the input signal is close to the threshold, the device includes internal hysteresis. This ensures a clean transition even with slow-moving or noisy input signals. --- ### 3. Pin Configuration Summary | Pin | Mnemonic | Description | | :--- | :--- | :--- | | 1, 12 | $V_{CC}$ | Positive Supply Voltage | | 2, 3 | $V_{IN+}, V_{IN-}$ | Differential Inputs | | 5 | LE | Latch Enable Pin | | 8, 9 | $Q, \bar{Q}$ | Differential LVDS Outputs | | 6, 7 | $V_{EE}$ | Negative Supply (Ground) | --- ### 4. Common Applications * **Clock and Data Restoration:** Cleaning up distorted high-speed signals. * **High-Speed Line Receivers:** Interfacing between different circuit boards. * **Threshold Detectors:** Fast triggering for pulse-width modulation (PWM) or protection circuits. * **Zero-Crossing Detectors:** Identifying the exact moment an AC signal crosses 0V.
    ✨ Follow-up Questions
    • ⤷ How does the 800 ps propagation delay impact high-frequency signal processing?
    • ⤷ What are the specific layout considerations for the 12-lead LFCSP package in high-speed designs?
    • ⤷ Can the ADCMP607 be used with a single 3.3V power supply?