전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADD8704ACPZ-R2

  • AI
    The **ADD8704ACPZ-R2** is a high-performance integrated circuit manufactured by Analog Devices. It is specifically designed as a **four-channel, rail-to-rail input/output operational amplifier** optimized for use in liquid crystal display (LCD) applications. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Amplifier Type** | Operational Amplifier (Op-Amp) | | **Output Type** | Rail-to-Rail | | **Supply Voltage (Single)** | 4.5 V to 18 V | | **Output Current per Channel** | 300 mA (Peak) | | **Slew Rate** | 6 V/µs | | **Gain Bandwidth Product** | 3 MHz | | **Package / Case** | LFCSP-16 (Lead Frame Chip Scale Package) | --- ## 2. Key Features and Capabilities The ADD8704 is engineered for stability and high-power delivery in demanding environments. * **High Output Drive:** It is capable of delivering high peak currents (up to 300 mA), which is essential for driving the capacitive loads found in LCD panels. * **Rail-to-Rail I/O:** This allows the signal to swing very close to the power supply rails, maximizing the dynamic range of the application. * **Thermal Protection:** Includes internal circuitry to prevent damage from overheating during high-current operations. * **Wide Voltage Range:** Operating up to 18V makes it suitable for various industrial and display power architectures. --- ## 3. Typical Applications This part is most commonly found in the electronics governing high-resolution screens: 1. **LCD Gamma Correction:** Used to buffer the reference voltages that define the brightness levels of pixels. 2. **VCOM Drivers:** Acts as a buffer for the common-mode voltage in TFT-LCD panels to ensure image stability and reduce flicker. 3. **Industrial Instrumentation:** Utilized in high-voltage sensor buffering where rail-to-rail performance is required. --- ## 4. Pin Configuration (LFCSP-16) The device is housed in a small 4x4mm 16-lead LFCSP package to save PCB space. ```text Pin 1-4: Outputs/Inputs for Channel A & B Pin 5-8: Power Supply Pins (V+ / V-) Pin 9-12: Outputs/Inputs for Channel C & D Pin 13-16: Feedback/Compensation pins Center Pad: Thermal Pad (Must be connected to V-) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the ADD8704 and the ADD8702?
    • ⤷ What are the soldering requirements for the LFCSP-16 package thermal pad?
    • ⤷ How does the high output current affect the thermal management design of the PCB?