전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADE-R1MHW

  • AI
    The **ADE-R1MHW** is a high-performance, surface-mount electronic component primarily used as a **Frequency Mixer**. It is manufactured by Mini-Circuits and is designed for applications requiring frequency conversion in radio frequency (RF) systems. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADE-R1MHW: | Parameter | Specification | | :--- | :--- | | **Component Type** | Double Balanced Mixer | | **Frequency Range (RF/LO)** | 2 MHz to 600 MHz | | **Frequency Range (IF)** | DC to 600 MHz | | **LO Power Level** | +13 dBm (Level 13) | | **Conversion Loss** | 5.5 dB (Typical) | | **Isolation (LO-RF)** | 45 dB (Typical) | | **Isolation (LO-IF)** | 40 dB (Typical) | | **Package Type** | CD542 (Surface Mount) | --- ### 2. Internal Electronic Structure The ADE-R1MHW is a **Double Balanced Mixer**, which typically consists of the following internal sub-components: * **Schottky Barrier Diodes:** A quad-ring configuration of diodes that perform the switching/mixing action. * **Transmission Line Transformers:** Used at the input (RF/LO) and output (IF) ports to provide impedance matching and to convert unbalanced signals to balanced signals (baluns). --- ### 3. Functional Pinout Although the device is small, its 6-pin configuration follows a specific routing logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **LO** | Local Oscillator Input | | **4** | **RF** | Radio Frequency Input | | **3** | **IF** | Intermediate Frequency Output | | **2, 5, 6** | **GND** | Ground connections for shielding and return path | --- ### 4. Common Applications Due to its wide frequency range and high isolation, the ADE-R1MHW is found in: 1. **VHF/UHF Receivers:** Converting high-frequency signals down to a lower IF for processing. 2. **Instrumentation:** Used in signal generators and spectrum analyzers. 3. **Modulators:** Up-converting baseband signals for transmission. --- ### 5. Implementation Example When designing a circuit with the ADE-R1MHW, it is critical to ensure the Local Oscillator (LO) provides a constant power of **+13 dBm** to properly drive the internal diode ring. ```markdown Circuit Design Tip: 1. Ensure 50 Ohm impedance matching on all RF traces. 2. Place bypass capacitors near the ground pins to reduce noise. 3. Maintain isolation between the LO and RF traces to prevent signal leakage. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Level 7 and Level 13 mixers like the ADE-R1MHW?
    • ⤷ How do I calculate the 1dB compression point for this mixer?
    • ⤷ Are there recommended PCB layout footprints for the CD542 package?