전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADF4106BCPZ-R7

  • AI
    The **ADF4106BCPZ-R7** is a high-frequency frequency synthesizer (PLL) manufactured by Analog Devices. It is designed to implement local oscillators in the up-conversion and down-conversion sections of wireless receivers and transmitters. --- ### ## Key Specifications and Features | Feature | Specification | | :--- | :--- | | **Type** | PLL (Phase Locked Loop) Frequency Synthesizer | | **Max Frequency** | 6.0 GHz | | **Supply Voltage** | 2.7 V to 3.3 V | | **Current Consumption** | 13 mA (Typical) | | **Package** | 20-WFQFN Exposed Pad (LFCSP) | | **Operating Temp** | -40°C to +85°C | --- ### ### Core Electronic Components & Architecture The ADF4106 consists of several critical functional blocks integrated into the silicon: 1. **Low Noise Digital Phase Frequency Detector (PFD):** Compares the reference frequency with the feedback frequency to generate a control signal for the external VCO. 2. **Precision Charge Pump:** Converts the PFD output into current pulses to charge/discharge the external loop filter. 3. **Programmable Reference Divider (R Counter):** Allows the user to divide the reference input frequency ($f_{REF}$) to set the PFD comparison frequency. 4. **Programmable Feedback Divider (N Counter):** Includes a 4-bit A-counter and a 13-bit B-counter, working with a dual-modulus prescaler ($P/P+1$) to set the output frequency. 5. **Serial Interface:** Uses a simple 3-wire interface (CLK, DATA, LE) compatible with SPI for programming the internal registers. --- ### ### Circuit Implementation (Typical Setup) To use the ADF4106 in a real-world circuit, you must connect several external components: * **VCO (Voltage Controlled Oscillator):** The ADF4106 does not have an internal VCO. It provides the control voltage to an external one. * **Loop Filter:** A passive RC network placed between the Charge Pump output (`CP`) and the VCO tuning input to determine stability and lock time. * **TCXO (Reference Clock):** A stable crystal oscillator connected to the `REF_IN` pin. ```cpp // Example: Conceptual Register Configuration via SPI void ConfigureADF4106() { uint32_t n_register = 0x000190; // Example N-counter value uint32_t r_register = 0x000021; // Example R-counter value SPI_Write(r_register); // Set Reference Divider SPI_Write(n_register); // Set Feedback Divider and Lock } ``` --- ### ### Common Applications * **Broadband Wireless Access:** WiMAX, WLAN. * **Satellite Communications:** VSAT terminals. * **Base Stations:** GSM, PCS, DCS, CDMA. * **Instrumentation:** Signal generators and spectrum analyzers.
    ✨ Follow-up Questions
    • ⤷ What is the role of the loop filter in this PLL circuit?
    • ⤷ How does the dual-modulus prescaler improve frequency resolution?
    • ⤷ Can this chip be used for frequencies below 500 MHz?