ADG3249BRJ-R2
AI

## Overview of ADG3249BRJ-R2
The **ADG3249BRJ-R2** is a high-performance bus switch IC manufactured by Analog Devices. It is specifically designed as a 2-bit, 2:1 multiplexer/demultiplexer that operates at very high speeds with minimal signal distortion. It is commonly used in level translation and high-speed bus switching applications.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | 2-bit, 2:1 Multiplexer/Demultiplexer |
| **Supply Voltage (Vcc)** | 2.3 V to 3.6 V |
| **On-Resistance (Ron)** | ~8 $\Omega$ (Typical) |
| **Propagation Delay** | < 250 ps (Extremely Low) |
| **Package Type** | SOT-23-8 (RJ-8) |
| **Operating Temperature** | -40°C to +85°C |
| **Control Logic** | LVTTL/CMOS Compatible |
---
### Key Electronic Features
1. **Low On-Resistance ($R_{ON}$):**
With a resistance of approximately 8 $\Omega$, the device ensures minimal voltage drop across the switch, which is critical for maintaining signal integrity in high-speed data paths.
2. **Ultra-Low Propagation Delay:**
The delay is less than 250 picoseconds. This makes the part "transparent" in the timing budget of high-speed digital circuits.
3. **Bidirectional Operation:**
Because it uses a MOSFET switch architecture, data can flow in either direction (from A to B or B to A), allowing it to act as both a multiplexer and a demultiplexer.
4. **Voltage Level Translation:**
The ADG3249 is often used for level shifting. For example, it can interface between 3.3 V systems and 2.5 V systems by limiting the output voltage through the supply rail configuration.
---
### Pin Configuration & Functionality
The device typically follows a standard 8-lead SOT-23 pinout:
* **S (Select):** Determines which input (B1 or B2) is connected to the output (A).
* **A1, A2:** Common ports (Output/Input).
* **B1, B2:** Switched ports (Input/Output).
* **Vcc / GND:** Power supply and ground pins.
---
### Typical Applications
* **Bus Isolation:** Isolating a bus segment to reduce capacitive loading.
* **Voltage Translation:** Interfacing different logic families (e.g., 3.3V to 1.8V).
* **Hot-Plugging:** Protecting circuitry during live insertion of cards or modules.
* **Memory Switching:** Routing signals between different memory banks or CPUs.
---
- ⤷
How does the ADG3249 perform voltage level translation between 3.3V and 2.5V?
- ⤷ What is the difference between the ADG3249 and a standard CMOS analog switch?
- ⤷ Are there pin-compatible alternatives for the SOT-23-8 package?