전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADIN1100BCPZ-R7

  • AI
    ## Overview of ADIN1100BCPZ-R7 The **ADIN1100BCPZ-R7** is a high-performance, low-power, single-port **10BASE-T1L PHY** (Physical Layer) transceiver designed by Analog Devices. It is specifically engineered for industrial Ethernet applications, enabling long-reach connectivity over a single twisted-pair cable. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.3cg-2019 (10BASE-T1L) | | **Data Rate** | 10 Mbps | | **Reach** | Up to 1,700 meters | | **Interface** | MII, RMII, and RGMII MAC Interfaces | | **Power Consumption** | ~39 mW (1.0 V p-p transmit level) | | **Supply Voltage** | 1.8 V or 3.3 V | | **Package** | 40-lead LFCSP (6mm x 6mm) | | **Operating Temp** | -40°C to +105°C | --- ### Core Electronic Components & Architecture The internal architecture of the ADIN1100 consists of several critical functional blocks: #### 1. The Physical Coding Sublayer (PCS) This block handles the encoding and decoding of data. It uses **4B5B encoding** and scrambling to ensure data integrity and reduce electromagnetic emissions across the long-distance cable. #### 2. Physical Medium Attachment (PMA) The PMA is responsible for the transition between digital signals and the analog signals sent over the wire. It includes: * **Adaptive Equalization:** Compensates for signal loss and distortion caused by long cable lengths (up to 1.7km). * **Echo Cancellation:** Necessary for full-duplex communication over a single pair of wires. #### 3. MAC Interfaces The chip acts as a bridge between the physical wire and a Processor/Microcontroller. It supports three standard interfaces: * **MII (Media Independent Interface)** * **RMII (Reduced Media Independent Interface)** * **RGMII (Reduced Gigabit Media Independent Interface)** #### 4. Diagnostic Features It includes built-in tools for system reliability: * **Frame Generator and Checker:** For simplified testing. * **Cable Diagnostics:** Detects shorts, opens, and cable length. * **Voltage Supply Monitoring:** Ensures the chip operates within safe power parameters. --- ### Application Use Cases The ADIN1100 is primarily used in **Industry 4.0** environments where traditional Ethernet (limited to 100m) is insufficient. 1. **Process Automation:** Connecting sensors and actuators in large factories or refineries. 2. **Building Automation:** Managing HVAC and security systems over existing twisted-pair telephone wiring. 3. **Intrinsically Safe Environments:** It can be used in hazardous areas when combined with appropriate isolation, as it supports low-power transmission. --- ### Pin Configuration Highlights * **TXP/TXN:** Differential transmit/receive pins connected to the single twisted pair. * **MDIO/MDC:** Management interface for configuring the PHY registers. * **RESET_N:** Hardware reset pin.
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements for the ADIN1100 in high-voltage transmit mode?
    • ⤷ How does 10BASE-T1L compare to standard 10BASE-T in terms of distance?
    • ⤷ Which external components are required for the MDI interface circuit?