전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADIN1300BCPZ-R7

  • AI
    ## Overview of ADIN1300BCPZ-R7 The **ADIN1300BCPZ-R7** is a low-power, single-port Gigabit Ethernet transceiver (PHY) designed by Analog Devices. It is specifically engineered for industrial applications, offering high reliability, low latency, and robust performance in harsh environments. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Data Rate** | 10/100/1000 Mbps | | **Interface** | RGMII, RMII, and MII | | **Supply Voltage** | 3.3V, 2.5V, or 1.8V (Variable IO) | | **Power Consumption** | ~330 mW (1000BASE-T) | | **Package** | 40-lead LFCSP (6mm x 6mm) | | **Operating Temp** | -40°C to +105°C (Industrial Grade) | | **Latency** | < 290 ns (Transmit), < 520 ns (Receive) | --- ### 2. Core Electronic Components & Functions The ADIN1300 consists of several internal sub-systems that handle the conversion between digital data and analog signals for cable transmission: #### A. Digital Interface (MAC Side) * **RGMII/RMII/MII:** These are the interfaces used to communicate with the Media Access Controller (MAC), typically found in an FPGA or Microprocessor. * **Management Data Input/Output (MDIO):** A 2-wire serial interface used by the host processor to configure the PHY registers and monitor status. #### B. Analog Front End (AFE) * **Line Drivers:** Convert digital bits into electrical pulses suitable for Copper (RJ45) cabling. * **Hybrid & Echo Cancellers:** Necessary for full-duplex Gigabit operation to separate transmitted signals from received signals on the same wire pair. * **ADC/DAC:** High-speed converters that bridge the analog cable signals and the digital processing core. #### C. Physical Coding Sublayer (PCS) * Handles encoding (like 8b/10b or 4D-PAM5) to ensure data integrity, clock recovery, and synchronization between the two ends of the link. --- ### 3. Special Industrial Features Unlike standard consumer-grade Ethernet chips, the ADIN1300 includes: 1. **Energy Efficient Ethernet (EEE):** Supports IEEE 802.3az to reduce power during periods of low data activity. 2. **Diagnostics:** Includes a **Time Domain Reflectometry (TDR)** feature to detect cable faults (shorts or opens) and estimate the distance to the fault. 3. **Frame Check Sequence (FCS) Analysis:** Monitors for packet errors at the hardware level to ensure industrial reliability. 4. **Hardware Interrupts:** Provides a dedicated pin to alert the CPU of link status changes or errors immediately. --- ### 4. Typical Application Circuit When designing with this part, you generally require: * **Magnetics:** An external transformer (or Integrated Connector Module - ICM) for isolation. * **Clock Source:** A 25 MHz crystal or external oscillator. * **Decoupling Capacitors:** Standard 0.1µF and 10µF capacitors for power rail stability. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the different voltage rails of the ADIN1300?
    • ⤷ How does the TDR (Time Domain Reflectometry) feature assist in industrial troubleshooting?
    • ⤷ What are the PCB layout considerations for the RGMII interface to ensure signal integrity?