전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5201ACPZ-R7

  • AI
    The **ADL5201ACPZ-R7** is a high-performance, digitally controlled variable gain amplifier (VGA) designed by Analog Devices. It is primarily used in high-speed signal chains where precise gain control and high linearity are required. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Digitally Controlled Variable Gain Amplifier (VGA) | | **Frequency Range** | LF to 800 MHz | | **Gain Range** | -11.5 dB to +20 dB | | **Gain Step Resolution** | 0.5 dB (6-bit control) | | **Output IP3** | ~47 dBm to 50 dBm (at 100 MHz) | | **Noise Figure** | ~7.5 dB at max gain | | **Supply Voltage** | 3.3 V to 5 V | | **Package** | 24-lead LFCSP (4mm x 4mm) | --- ### 2. Functional Electronic Components The ADL5201 architecture consists of several integrated subsystems that allow it to function as a precision gain stage: #### A. Passive Input Attenuator The input stage features a digitally controlled step attenuator. This allows the device to handle large input signals without saturating the internal amplifier stages, maintaining high linearity across the gain range. #### B. High-Linearity Amplifier Stage The core of the device is a fixed-gain differential amplifier. Because it is a differential architecture, it provides excellent common-mode rejection and reduces even-order harmonic distortion. #### C. Control Interface The "ACPZ-R7" variant supports multiple control modes: * **Parallel Mode:** Immediate gain updates via dedicated logic pins. * **Serial Mode (SPI):** Allows for 3-wire serial programming, saving microcontroller I/O pins. * **Up/Down Mode:** Simple pulse-based increment/decrement interface. --- ### 3. Application Use Cases Because of its high bandwidth and precise stepping, the ADL5201 is commonly found in: 1. **IF Sampling Receivers:** Adjusting signal levels before an Analog-to-Digital Converter (ADC). 2. **Wireless Infrastructure:** Used in GSM, WCDMA, and LTE base stations. 3. **Instrumentation:** Automated Test Equipment (ATE) where signal amplitude must be strictly normalized. --- ### 4. Part Number Breakdown (Suffix Meaning) * **ADL5201:** Base Model Number. * **ACPZ:** Lead-free, RoHS compliant, LFCSP package. * **R7:** Tape and Reel packaging (7-inch reel, typically 1,500 units).
    ✨ Follow-up Questions
    • ⤷ How does the ADL5201 compare to the ADL5202 in dual-channel applications?
    • ⤷ What are the power consumption characteristics when operating at 5V versus 3.3V?
    • ⤷ Can you provide a basic SPI initialization sequence for setting the gain to 10dB?