전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5205ACPZ-R7

  • AI
    ## Overview of ADL5205ACPZ-R7 The **ADL5205ACPZ-R7** is a high-performance, digitally controlled, dual-channel variable gain amplifier (VGA) designed by Analog Devices. It is optimized for high dynamic range and low distortion, making it suitable for modern wireless infrastructure and high-speed data acquisition systems. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Type** | Dual Digitally Controlled VGA | | **Frequency Range** | 0.1 MHz to 450 MHz | | **Gain Range** | -12 dB to +19 dB | | **Gain Step Resolution** | 1 dB | | **Noise Figure** | ~4.5 dB at maximum gain | | **OIP3** | +45 dBm at 100 MHz | | **Interface** | Parallel or Serial (SPI) | | **Supply Voltage** | 5V | | **Package** | 40-Lead LFCSP (6mm x 6mm) | --- ### Core Electronic Features 1. **Dual-Channel Architecture**: Consists of two independent amplifiers. This is ideal for I/Q (In-phase and Quadrature) demodulation or MIMO (Multiple Input, Multiple Output) systems where phase and amplitude matching are critical. 2. **Digital Gain Control**: The gain is adjusted via a 6-bit control interface per channel. It can be operated in **Parallel Mode** for fast updates or **Serial Mode (SPI)** to save microcontroller I/O pins. 3. **High Linearity (OIP3)**: With an Output Third-Order Intercept Point (OIP3) of +45 dBm, it ensures minimal signal distortion even when handling strong signals, which is vital for maintaining signal integrity in cellular base stations. 4. **Differential Inputs/Outputs**: The device utilizes fully differential signal paths. This significantly reduces common-mode noise and improves even-order harmonic distortion (HD2). 5. **Fast Attack Time**: The gain changes occur rapidly (nanosecond range), allowing the system to react quickly to signal spikes in Automatic Gain Control (AGC) loops. --- ### Pin Configuration Snippet Below is a simplified logic representation of the digital interface: ```c /* Pseudocode for SPI Gain Control (ADL5205) */ void set_gain(uint8_t channel, int8_t gain_db) { // Offset mapping: -12dB (0x00) to +19dB (0x1F) uint8_t gain_code = gain_db + 12; SPI_Select(ADL5205_CS); if(channel == CH_A) { SPI_Transfer(0x01); // Address for Channel A SPI_Transfer(gain_code); // 6-bit Gain Data } SPI_Deselect(ADL5205_CS); } ``` --- ### Typical Applications * **Wireless Infrastructure**: Used in LTE, W-CDMA, and 5G base station receivers. * **IF Sampling Receivers**: Acting as a driver for high-speed Analog-to-Digital Converters (ADCs). * **Medical Imaging**: Gain adjustment in ultrasound or MRI signal processing. * **Instrumentation**: Automated test equipment requiring precise signal leveling.
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the ADL5205?
    • ⤷ How does the 'Fast Attack' feature compare to standard VGAs?
    • ⤷ Can the ADL5205 be used for single-ended signals?