ADL5372ACPZ-R7
AI

### ADL5372ACPZ-R7: Quadrature Modulator Overview
The **ADL5372ACPZ-R7** is a high-performance, fixed-gain quadrature modulator designed for use from 1500 MHz to 2500 MHz. It is manufactured by Analog Devices and is commonly used in wireless infrastructure to convert baseband signals directly to radio frequency (RF).
---
### Technical Specifications
The following table highlights the critical electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **RF Frequency Range** | 1500 MHz to 2500 MHz |
| **Output IP3** | +27.1 dBm @ 2140 MHz |
| **Noise Floor** | -158 dBm/Hz |
| **Output Power (P1dB)** | 14.3 dBm |
| **Supply Voltage** | 4.75 V to 5.25 V |
| **Supply Current** | 165 mA (typical) |
| **Package Type** | 24-Lead LFCSP (4mm x 4mm) |
| **Operating Temperature** | -40°C to +85°C |
---
### Key Electronic Functional Blocks
1. **LO (Local Oscillator) Interface:**
The device features a differential LO input. It includes a polyphase phase splitter that generates the precise 0° and 90° phases required for quadrature modulation.
2. **I/Q Baseband Inputs:**
These are high-impedance differential inputs. They accept signals from a DAC (Digital-to-Analog Converter) typically biased at a common-mode voltage of 0.5V.
3. **Mixer Core:**
Two double-balanced mixers combine the I (In-phase) and Q (Quadrature) signals with the LO phases.
4. **Summing Amplifier:**
The outputs of the mixers are combined into a single-ended 50 $\Omega$ RF output, eliminating the need for external baluns in many applications.
---
### Application Circuitry Details
When designing with the ADL5372, specific attention must be paid to the interface between the DAC and the modulator.
```c
/* Standard Interface Checklist */
1. Bias: Ensure I/Q inputs are DC-biased to 0.5V.
2. Termination: Use a 100 Ohm differential resistor across I and Q inputs.
3. Decoupling: Place 100pF and 0.1uF capacitors near the VPOS pins.
4. Grounding: Connect the exposed paddle (EPAD) to a solid ground plane for thermal relief.
```
---
### Common Applications
* **Cellular Base Stations:** W-CDMA, CDMA2000, LTE.
* **Fixed Wireless Access:** Point-to-multipoint systems.
* **ISM Band Transmitters:** High-performance data links in the 2.4 GHz band.
* **Instrumentation:** Signal generators and laboratory equipment.
---
- ⤷What are the specific DAC requirements for interfacing with the ADL5372?
- ⤷ How does the sideband suppression of the ADL5372 compare to other modulators in the ADL series?
- ⤷ What are the PCB layout recommendations for the 24-lead LFCSP package to ensure thermal stability?