전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5385ACPZ-R2

  • AI
    ## Overview of ADL5385ACPZ-R2 The **ADL5385ACPZ-R2** is a high-performance, broadband quadrature modulator designed by Analog Devices. It is primarily used to convert baseband (I and Q) signals directly to radio frequency (RF) signals, covering a wide frequency range. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **RF Output Frequency Range** | 30 MHz to 2200 MHz | | **Input Interface** | Differential I and Q inputs | | **Output Power** | +11 dBm (at 900 MHz) | | **Noise Floor** | -160 dBm/Hz | | **Sideband Suppression** | -46 dBc (at 900 MHz) | | **Carrier Feedthrough** | -38 dBm (at 900 MHz) | | **Supply Voltage** | 4.75 V to 5.25 V | | **Package Type** | 24-lead LFCSP (4mm x 4mm) | --- ### Key Internal Electronic Parts The device integrates several critical components on a single silicon chip to achieve high precision: 1. **Phase Shifter:** A 2×fLO local oscillator (LO) divider or a polyphase network that generates precise 90° phase-shifted signals for the quadrature modulation. 2. **Double-Balanced Mixers:** Two independent mixers process the In-phase (I) and Quadrature (Q) channels. The double-balanced architecture helps suppress the carrier and minimize harmonics. 3. **Summing Amplifier:** This internal stage combines the outputs of the I and Q mixers into a single RF output signal. 4. **Bias Circuitry:** Internal voltage regulators and bias generators ensure the transistors operate within their linear regions, providing stability over temperature and supply voltage fluctuations. --- ### Application Circuit Example When integrating this part into a circuit, developers typically use a differential input configuration. Below is a conceptual representation of the pin connections: ```markdown Pin Layout Mapping: - Pin 1-4: VCC (Power Supply) - Pin 6, 7: Q-Input (Differential) - Pin 10, 11: I-Input (Differential) - Pin 16, 17: LO-Input (Local Oscillator) - Pin 20: RF-Output - Pin 25 (Exposed Pad): Ground (GND) ``` --- ### Typical Applications * **Cellular Base Stations:** W-CDMA, CDMA2000, and LTE. * **Broadband Wireless Access:** Point-to-multipoint systems. * **Radio Links:** Microwave radio architectures. * **Instrumentation:** Signal generators and modulation analyzers.
    ✨ Follow-up Questions
    • ⤷What are the specific thermal management requirements for the 24-lead LFCSP package?
    • ⤷ How does the LO drive level affect the Sideband Suppression performance?
    • ⤷ Can you provide a comparison between ADL5385 and ADL5375?