전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5523ACPZ-R7

  • AI
    ## Overview of ADL5523ACPZ-R7 The **ADL5523ACPZ-R7** is a high-performance, low-noise amplifier (LNA) designed by Analog Devices. It is specifically engineered to operate over a wide frequency range, making it ideal for high-sensitivity receiver applications in wireless infrastructure. --- ### Technical Specifications The following table summarizes the key electronic characteristics of the ADL5523ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 400 MHz to 4000 MHz | | **Gain** | 21.5 dB (at 900 MHz) | | **Noise Figure (NF)** | 0.8 dB (at 900 MHz) | | **Output IP3** | 34 dBm (at 900 MHz) | | **Supply Voltage** | 3V to 5V | | **Supply Current** | 60 mA | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | --- ### Core Electronic Features 1. **Low Noise Figure:** The primary function of this part is to amplify very weak signals while adding minimal electronic noise (0.8 dB). This is crucial for the first stage of a radio receiver chain. 2. **Integrated Matching:** The device is designed for easy integration, requiring minimal external components for impedance matching, which reduces the overall PCB footprint. 3. **High Linearity:** With a high Output Third-Order Intercept Point (OIP3), the amplifier can handle strong interfering signals without distorting the desired signal. 4. **Internal Active Bias:** It features an internal bias circuit that keeps the performance stable across variations in temperature and supply voltage. --- ### Pin Configuration Below is a conceptual representation of the pin functions for the 8-lead LFCSP package: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | RFIN | RF Input signal port | | 2, 3 | NC | No internal connection | | 4 | VPOS | Positive supply voltage (3V - 5V) | | 5 | VBIAS | Bias control input | | 6 | RFOUT | RF Output signal port | | 7, 8 | GND | Ground connections | | Paddle | Exposed Pad | Must be soldered to low-impedance ground | --- ### Typical Application Circuitry In a standard electronic design, the ADL5523 requires basic decoupling capacitors and an Inductor-Capacitor (LC) network at the input/output for optimal performance at specific frequencies. ```c // Typical Interface Logic Input -> [DC Block Cap] -> Pin 1 (RFIN) Pin 4 (VPOS) -> [Decoupling Capacitors to GND] -> Vcc Pin 6 (RFOUT) -> [DC Block/Matching] -> Output ``` --- ### Common Applications * **Cellular Base Stations:** GSM, CDMA, W-CDMA, and LTE. * **Wireless Infrastructure:** Small cells and repeaters. * **ISM Band Applications:** Industrial, Scientific, and Medical radio equipment. * **Radio Astronomy:** High-sensitivity signal reception.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the external matching components at 2.4 GHz?
    • ⤷ How does the noise figure change when the supply voltage is increased from 3V to 5V?
    • ⤷ What is the thermal resistance (Theta-JA) for the LFCSP package of this device?