전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5542ACPZ-R7

  • AI
    ## Overview of the ADL5542ACPZ-R7 The **ADL5542ACPZ-R7** is a high-performance, broadband linear amplifier designed by Analog Devices. It is categorized as an RF (Radio Frequency) Gain Block, operating across a wide frequency range from **20 MHz to 6.0 GHz**. --- ### Technical Specifications The following table highlights the primary electrical characteristics of the ADL5542: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Operating Frequency** | 20 MHz to 6.0 GHz | Wideband performance | | **Gain** | 19 dB to 20 dB | Fixed gain at 900 MHz | | **Output P1dB** | 18.9 dBm | Power at 1dB compression | | **Output IP3** | 35 dBm | High linearity at 900 MHz | | **Noise Figure** | 3.1 dB | Low noise performance | | **Supply Voltage** | 5.0 V | Nominal operating voltage | | **Supply Current** | 93 mA | Low power consumption | | **Package Type** | 8-Lead LFCSP | Lead-frame chip scale package | --- ### Key Internal Features 1. **Internal Matching**: The device is internally matched to **50 Ω**. This significantly simplifies the design process as it eliminates the need for complex external impedance-matching networks. 2. **ESD Protection**: It includes robust ESD (Electrostatic Discharge) protection, making it resilient during the manufacturing and assembly process. 3. **Stability**: It is unconditionally stable across the entire operating frequency range and temperature spectrum. 4. **Single Supply**: Operates on a single 5V rail, which reduces the complexity of the Power Management Integrated Circuit (PMIC) design. --- ### Common Applications * **Wireless Infrastructure**: Used in cellular base stations (LTE, 5G), repeaters, and small cells. * **Instrumentation**: RF measurement equipment and signal generators. * **CATV**: Cable television distribution and head-end equipment. * **General Purpose RF**: Any system requiring high linearity and fixed gain within the 6 GHz spectrum. --- ### Typical Application Circuit Requirements While the device is internally matched, a few external passive components are necessary for operation: ```c // Mandatory external components: 1. DC Blocking Capacitors: Required at Input and Output pins to prevent DC offset. 2. Inductor (RFC): An RF Choke is needed on the output/bias pin to feed DC power while blocking RF signals from the power supply. 3. Decoupling Capacitors: Placed on the VCC line to filter out high-frequency noise. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for the RF Choke (inductor) in this circuit?
    • ⤷ How does the gain of the ADL5542 vary across its 20 MHz to 6 GHz range?
    • ⤷ What are the thermal management considerations for the 8-lead LFCSP package?