전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5561ACPZ-R7

  • AI
    ## Overview of ADL5561ACPZ-R7 The **ADL5561ACPZ-R7** is a high-performance, differential amplifier designed by Analog Devices. It is specifically optimized for driving high-speed Analog-to-Digital Converters (ADCs) and is known for its wide bandwidth and ultra-low distortion. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Differential Amplifier | | **Bandwidth (-3 dB)** | 2.9 GHz | | **Gain Options** | Selectable: 6 dB, 12 dB, or 15.5 dB | | **Input Noise (Voltage)** | 2.1 nV/√Hz | | **Output IP3 (at 200 MHz)** | 43 dBm | | **Supply Voltage** | 3.3 V (Single Supply) | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | --- ### Core Electronic Components & Features ### 1. Differential Architecture The ADL5561 is a fully differential amplifier. This means it has two inputs ($IN+$, $IN-$) and two outputs ($OUT+$, $OUT-$). This architecture is critical for: * **Noise Immunity:** It rejects common-mode noise. * **Even-Order Harmonic Suppression:** It significantly reduces second-harmonic distortion ($HD2$), which is vital for clean signal processing. ### 2. Gain Selection Pins Unlike fixed-gain amplifiers, the ADL5561 allows the user to hardware-strap pins to select specific gain levels without needing external resistors. This ensures high precision and temperature stability. ### 3. High-Speed Output Stage The output stage is designed to drive low-impedance loads (typically $200\ \Omega$ or $400\ \Omega$ differential) which are common in high-speed ADC inputs. It provides a stable signal even at gigahertz frequencies. ### 4. Enable/Disable Functionality The chip includes an **ENBL** pin. When pulled low, the device enters a low-power mode, reducing current consumption significantly, which is useful for power-sensitive or pulsed-radar applications. --- ### Typical Application Circuit When integrating this part into a PCB design, the following configuration is standard: ```mermaid graph LR Input[Input Signal] --> Balun[Balun/Transformer] Balun --> ADL5561[ADL5561 Amp] ADL5561 --> Filter[Anti-Alias Filter] Filter --> ADC[High-Speed ADC] ``` --- ### Implementation Considerations * **Decoupling:** Use $0.1\ \mu F$ and $100\ pF$ capacitors close to the $V_{CC}$ pins to minimize power supply noise. * **Thermal Pad:** The LFCSP package has an exposed pad. This **must** be soldered to the ground plane to ensure proper heat dissipation and electrical performance. * **Impedance Matching:** Ensure that the input and output traces are matched to the system impedance (usually $50\ \Omega$ single-ended or $100\ \Omega$ differential) to prevent signal reflections.
    ✨ Follow-up Questions
    • ⤷ How does the gain selection pin configuration work for the ADL5561?
    • ⤷ What are the recommended ADC models to pair with this amplifier?
    • ⤷ Can the ADL5561 be used in a single-ended input configuration?