전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5562ACPZ-R7

  • AI
    ## ADL5562ACPZ-R7: Technical Overview The **ADL5562ACPZ-R7** is a high-performance, differential amplifier manufactured by Analog Devices. It is specifically designed to act as a driver for high-speed 12-bit to 16-bit Analog-to-Digital Converters (ADCs). ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Differential Amplifier (Ultra-low Distortion) | | **Gain Options** | Pin-strappable: 6 dB, 12 dB, or 15.5 dB | | **Bandwidth (-3 dB)** | 3.3 GHz | | **Slew Rate** | 9.8 V/µs | | **Supply Voltage** | 3 V to 3.3 V | | **Supply Current** | ~80 mA | | **Package** | 16-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Components The ADL5562 consists of several internal electronic sections that allow it to maintain high signal integrity at gigahertz frequencies: * **Differential Input/Output Architecture:** This architecture is crucial for rejecting common-mode noise and reducing even-order harmonics (HD2), which is vital for RF and IF sampling. * **Internal Gain Resistors:** The device features precision internal resistors. By connecting specific pins (VIP1, VIP2, etc.), the user can select fixed gain settings without needing external components, ensuring better thermal stability and impedance matching. * **Disable Control:** It includes a power-down pin (`ENBL`) that allows the chip to enter a low-power state when not in use, reducing current consumption to approximately 3 mA. --- ### 3. Application Circuit Example When interfacing the ADL5562 with an ADC, a typical configuration involves an AC-coupled input and a low-pass filter at the output to suppress high-frequency noise. ```mermaid graph LR Input[RF Input] -->|Capacitor| ADL[ADL5562] ADL -->|Anti-Alias Filter| ADC[High-Speed ADC] VCC[3.3V] --> ADL ``` ### 4. Typical Use Cases 1. **ADC Drivers:** Providing the necessary voltage swing and impedance matching for high-speed data converters. 2. **Radio Frequency (RF) Receivers:** Used in the Intermediate Frequency (IF) stage to amplify signals before digitization. 3. **Instrumentation:** High-fidelity signal conditioning in oscilloscopes or spectrum analyzers. 4. **Medical Imaging:** Processing signals in ultrasound or MRI equipment where low noise is critical. ---
    ✨ Follow-up Questions
    • ⤷ How do you configure the gain settings using the physical pins on the ADL5562?
    • ⤷ What are the advantages of using a differential amplifier over a single-ended one for ADC driving?
    • ⤷ What is the impact of power supply noise on the performance of the ADL5562?