ADL5902ACPZ-R7
AI

## Technical Overview: ADL5902ACPZ-R7
The **ADL5902ACPZ-R7** is a high-performance, TruPwr™ RMS-responding power detector manufactured by Analog Devices. It is designed to provide an accurate measurement of the power level of high-frequency RF signals, regardless of the signal modulation or waveform (e.g., CDMA, W-CDMA, QAM).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | RMS Power Detector |
| **Frequency Range** | 50 MHz to 9 GHz |
| **Dynamic Range** | 65 dB |
| **Accuracy** | ±1.0 dB (over temperature/frequency) |
| **Response Time** | 125 ns (rise time) |
| **Supply Voltage** | 4.5 V to 5.5 V |
| **Package** | 16-lead LFCSP (3mm x 3mm) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Functional Description
The device converts an RF input signal into a linear-in-dB DC output voltage. Unlike simpler diode detectors, the ADL5902 uses a proprietary technique to calculate the "True RMS" value, making it ideal for modern complex modulation schemes.
#### Major Components:
* **Variable Attenuator:** Scales the input signal to stay within the detector's optimal range.
* **Square-Law Detector:** Performs the core RMS calculation.
* **Error Amplifier:** Compares the detected signal against a reference to generate the output voltage ($V_{OUT}$).
* **Temperature Sensor:** Integrated circuitry compensates for thermal drift to maintain high precision.
---
### 3. Pin Configuration Summary
The ADL5902ACPZ-R7 uses a Lead Frame Chip Scale Package (LFCSP). Key pins include:
| Pin Name | Description |
| :--- | :--- |
| **RFIN** | RF input signal pin (requires DC blocking capacitor). |
| **VOUT** | DC output voltage proportional to the RF input power (dB). |
| **VSET** | Feedback input used to set the controller mode or measurement slope. |
| **TADJ** | Temperature compensation adjustment pin. |
| **PWDN** | Power-down pin to disable the device and save energy. |
---
### 4. Typical Applications
The ADL5902 is widely used in telecommunications infrastructure where precise power monitoring is critical:
* **Transmitter Power Monitoring:** Ensuring RF power amplifiers operate within legal and technical limits.
* **Receiver Signal Strength Indication (RSSI):** Measuring incoming signal levels in base stations.
* **VGA Control:** Providing feedback loops for Variable Gain Amplifiers.
---
### 5. Part Number Breakdown
* **ADL5902**: Product base model.
* **ACPZ**: Lead-free, plastic LFCSP package.
* **R7**: Indicates a 7-inch reel (typically 1,500 units) for automated assembly.
- ⤷
How does TruPwr technology differ from standard envelope detection?
- ⤷ What are the requirements for the input matching network for this chip?
- ⤷ Can the ADL5902 be used for peak-to-average ratio (PAPR) measurements?