전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5904ACPZN-R7

  • AI
    ## Overview of the ADL5904ACPZN-R7 The **ADL5904ACPZN-R7** is a high-performance, TruPwr™ rms-responding power detector produced by **Analog Devices**. It is specifically designed to accurately measure the power of radio frequency (RF) signals with complex modulation schemes (like QAM, OFDM, and LTE) over a wide frequency range. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | DC to 6 GHz | | **Dynamic Range** | Up to 45 dB | | **Measurement Accuracy** | ±1 dB over temperature and frequency | | **Supply Voltage** | 3.0 V to 3.6 V | | **Supply Current** | ~3.5 mA (Low power consumption) | | **Response Time** | 12 ns (Fast envelope detection) | | **Package Type** | 16-lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Components The ADL5904 integrates several critical electronic sub-circuits to achieve its precision: * **RMS Detector Core:** Unlike simple diode detectors, this component calculates the "Root Mean Square" of the input waveform. This allows it to remain accurate regardless of the signal's "Crest Factor" (the ratio of peak to average power). * **Threshold Comparator:** It includes a programmable threshold pin (`VTNV`). If the RF input exceeds this set voltage, a digital output (`Q` / `Q-bar`) toggles, allowing it to act as a high-speed power trigger. * **Envelope Detector:** It can track the instantaneous envelope of the RF signal, which is useful for specialized modulation analysis and protection circuits. * **Internal Reference:** Features an on-chip voltage reference to ensure measurement stability across different operating temperatures. --- ### 3. Pin Configuration & Application | Pin Type | Function | | :--- | :--- | | **RFIN** | The RF input port (usually AC-coupled). | | **VRMS** | The analog output voltage proportional to the RMS power. | | **VTNV/VTPV** | Threshold inputs for the internal comparators. | | **Q / Q_BAR** | Fast digital output latches for over-power detection. | --- ### 4. Typical Applications The ADL5904 is widely used in high-frequency telecommunications and industrial equipment: 1. **Transmitter Power Monitoring:** Ensuring cellular base stations operate within legal power limits. 2. **RF PA Protection:** Detecting "Power Spikes" or high VSWR conditions to shut down Power Amplifiers before they overheat or fail. 3. **Signal Analysis:** Measuring the average power of high-order modulated signals (5G, WiFi 6).
    ✨ Follow-up Questions
    • ⤷ How does the RMS detection in the ADL5904 differ from a standard envelope detector?
    • ⤷ What is the significance of the 12 ns response time for circuit protection?
    • ⤷ Can the ADL5904 be used for signals above 6 GHz with reduced accuracy?