전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL5906ACPZN-R2

  • AI
    ## Technical Overview: ADL5906ACPZN-R2 The **ADL5906ACPZN-R2** is a high-performance, TruPwr™ rms-responding power detector manufactured by Analog Devices. It is designed to provide an accurate measurement of the power level of a radio frequency (RF) signal, regardless of the signal's modulation or complexity (e.g., CDMA, W-CDMA, QAM). ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Frequency Range** | 10 MHz to 10 GHz | | **Dynamic Range** | 67 dB (linear-in-dB) | | **Accuracy** | ±1.0 dB error over 67 dB range (at 2.14 GHz) | | **Supply Voltage** | 4.5 V to 5.5 V | | **Current Consumption** | ~68 mA | | **Package** | 16-lead LFCSP (3mm x 3mm) | | **Operating Temp** | -40°C to +105°C | --- ### 2. Functional Description The device converts an RF input signal into a corresponding DC voltage at its output. Because it is an **RMS detector**, it calculates the true power of the waveform, making it superior to simple diode detectors for signals with high crest factors. * **RF Input:** Capable of handling frequencies up to 10 GHz, making it suitable for modern telecommunications (5G, Wi-Fi 6). * **VLOG Output:** The output voltage is proportional to the logarithm of the input power (Slope is typically 55 mV/dB). * **Temperature Stability:** It includes internal temperature compensation to ensure measurement accuracy remains consistent across its operating range. --- ### 3. Pin Configuration & Application | Pin Name | Description | | :--- | :--- | | **RFIN** | RF input signal pin. Usually AC-coupled. | | **VSET** | Input for the internal set-point controller (used in power control loops). | | **VOUT** | DC output voltage proportional to the RMS power. | | **VADJ** | Used for fine-tuning the intercept point of the device. | | **PWDN** | Power-down pin to reduce current consumption to ~100 µA. | --- ### 4. Typical Applications 1. **Transmit Power Monitoring:** Ensuring RF power amplifiers are operating within regulatory and design limits. 2. **Transmitter Signal Strength Indication (TSSI):** Real-time monitoring of signal strength in wireless base stations. 3. **Automatic Gain Control (AGC):** Providing feedback to variable gain amplifiers (VGAs) to stabilize output power. --- ### 5. Implementation Example (Schematic Logic) To use the ADL5906 in a measurement mode, the `VSET` pin is typically connected directly to the `VOUT` pin. This configuration creates a measurement-only output. ```python # Simplified Logic for Power Calculation # Output Voltage (Vout) = Slope * (Pin - Intercept) slope = 0.055 # 55 mV/dB intercept = -65 # Typical intercept in dBm def calculate_power(v_out): power_dbm = (v_out / slope) + intercept return power_dbm ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RMS detector like the ADL5906 and a standard envelope detector?
    • ⤷ How do I calibrate the slope and intercept for this specific IC in a production environment?
    • ⤷ Can the ADL5906 be used for pulse-modulated signals in radar applications?