전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL8100ACPZN-R7

  • AI
    ## Overview of ADL8100ACPZN-R7 The **ADL8100ACPZN-R7** is a high-performance, gallium arsenide (GaAs), pseudomorphic high electron mobility transistor (pHEMT), low noise amplifier (LNA). It is designed by Analog Devices and operates across a wide frequency range, typically from **0.01 GHz to 30 GHz**. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 0.01 GHz to 30 GHz | | **Gain** | 12.5 dB (typical) | | **Noise Figure** | 3.5 dB (typical) | | **Output P1dB** | 15 dBm | | **Supply Voltage (Vdd)** | 5V | | **Supply Current (Idd)** | 65 mA | | **Package** | 6-lead LFCSP (Lead Frame Chip Scale Package) | --- ### Core Electronic Characteristics #### 1. Broadband Performance Unlike many amplifiers that are tuned for a specific narrow band, the ADL8100 is a **broadband** device. This means it can maintain stable gain and low noise across a massive spectrum (HF through Ka-band), making it highly versatile for software-defined radios and wideband electronic warfare systems. #### 2. GaAs pHEMT Technology The use of **Gallium Arsenide (GaAs)** allows the electrons to move faster than in traditional Silicon, which is essential for achieving the 30 GHz frequency ceiling. The **pHEMT** structure provides an excellent balance between high gain and low noise figures. #### 3. Integrated Input/Output Matching The device features internal matching to **50 $\Omega$**. This simplifies the PCB design significantly, as engineers do not need to design complex external impedance matching networks, which are prone to parasitic losses at millimeter-wave frequencies. #### 4. Bias Control The amplifier requires a positive supply voltage ($V_{DD}$). It also includes a gate bias pin ($V_{GG}1$) that allows the user to adjust the quiescent current, enabling a trade-off between power consumption and linearity (OIP3). --- ### Typical Applications * **Test and Measurement:** Used in high-speed oscilloscopes and spectrum analyzers. * **Military & Aerospace:** Radar systems and electronic countermeasure (ECM) receivers. * **Telecommunications:** 5G infrastructure and point-to-point microwave radios. * **Fiber Optics:** Acts as a driver for optical modulators. --- ### Pin Configuration (Simplified) ```text Pin 1: VGG1 (Gate Bias) Pin 2: RF Input (50 Ohm matched) Pin 3: Ground Pin 4: RF Output / VDD (Bias Tee usually required) Pin 5: Ground Pin 6: No Connection / Additional Grounding ```
    ✨ Follow-up Questions
    • ⤷How does the ADL8100 compare to the ADL8101 in terms of frequency range?
    • ⤷ What are the thermal considerations for mounting the LFCSP package?
    • ⤷ Does this LNA require an external bias tee for the RF output?