전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL8105ACPZN-R7

  • AI
    ## Technical Overview: ADL8105ACPZN-R7 The **ADL8105ACPZN-R7** is a high-performance, Gallium Arsenide (GaAs), Pseudomorphic High Electron Mobility Transistor (pHEMT), Monolithic Microwave Integrated Circuit (MMIC). It is primarily designed as a Low Noise Amplifier (LNA) for high-frequency wideband applications. --- ### Key Specifications Below are the primary technical characteristics of the ADL8105: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 5 GHz to 20 GHz | | **Gain** | 27 dB | | **Noise Figure** | 1.8 dB | | **Output P1dB** | 17.5 dBm | | **Supply Voltage (Vdd)** | 5V | | **Supply Current (Idd)** | 90 mA | | **Package Type** | 6-lead LFCSP (2mm x 2mm) | --- ### Core Electronic Components & Architecture 1. **GaAs pHEMT Technology:** The internal circuitry uses Gallium Arsenide instead of standard Silicon. This allows for significantly higher electron mobility, making it possible to operate at microwave frequencies (up to 20 GHz) with very low noise. 2. **Integrated Matching Circuitry:** The input and output ports are internally matched to **50 $\Omega$**. This simplifies PCB design because it eliminates the need for complex external impedance matching components. 3. **DC Blocking:** The RF input/output pins are AC-coupled or require minimal external capacitors to prevent DC offset from interfering with the signal. 4. **Bias Control:** The device typically requires a positive supply voltage ($V_{DD}$). The "R7" suffix indicates the packaging format (7-inch tape and reel). --- ### Pin Configuration (6-Lead LFCSP) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | RFIN | RF Signal Input (50 $\Omega$ matched) | | 2, 5 | NIC | No Internal Connection | | 3 | RFOUT | RF Signal Output (50 $\Omega$ matched) | | 4 | VDD | Drain Bias Voltage Supply | | 6 | VGG1 | Gate Bias Voltage (Control current) | | EP | GND | Exposed Pad: Must be connected to RF/DC ground | --- ### Typical Application Circuit (Pseudo-code/Logic) To integrate this part, a designer typically follows this biasing sequence to protect the GaAs structure: ```python # Power-Up Sequence Logic 1. Connect GND (Exposed Pad) 2. Apply Negative Gate Voltage (VGG1) to pinch off the device 3. Apply Positive Drain Voltage (VDD = 5V) 4. Adjust VGG1 until the desired Quiescent Current (e.g., 90mA) is reached 5. Apply RF Input Signal ``` --- ### Common Use Cases * **Military & Space:** Radar systems and electronic warfare. * **Communications:** Point-to-point and point-to-multipoint radios. * **Test Equipment:** High-frequency signal analyzers and generators. * **SatCom:** Satellite communication ground stations.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the LFCSP package?
    • ⤷ How does the noise figure vary across the 5 GHz to 20 GHz range?
    • ⤷ Can this LNA be used in a 3.3V system instead of 5V?