전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL8107ACPZN-R7

  • AI
    ## Overview: ADL8107ACPZN-R7 The **ADL8107ACPZN-R7** is a high-performance, gallium arsenide (GaAs), pseudomorphic high electron mobility transistor (pHEMT), low noise wideband amplifier. It is designed by Analog Devices and operates within the **6 GHz to 18 GHz** frequency range. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Frequency Range** | 6 GHz to 18 GHz | | **Gain** | 24 dB (Typical) | | **Noise Figure** | 1.3 dB (at 12 GHz) | | **Output P1dB** | 18.5 dBm | | **Supply Voltage (Vdd)** | 5 V | | **Supply Current (Idd)** | 90 mA | | **Package Type** | 8-Lead LFCSP (2mm x 2mm) | --- ### Detailed Component Functions #### 1. Internal Architecture The device is a monolithic microwave integrated circuit (MMIC). It integrates multiple amplification stages and matching circuitry into a single tiny chip. It features internal AC coupling capacitors and is internally matched to **50 $\Omega$**, which simplifies the integration process for RF designers. #### 2. Performance Characteristics * **Low Noise Figure:** With a noise figure as low as 1.3 dB, it is ideal for the first stage of a receiver chain (Low Noise Amplifier - LNA) where maintaining signal integrity is critical. * **High Gain Flatness:** It maintains a relatively stable gain across its wide bandwidth, reducing the need for complex equalization. * **Power Efficiency:** It provides high output power (P1dB) relative to its low current consumption. #### 3. Physical Packaging (LFCSP) The **ACPZN-R7** suffix denotes the packaging: * **LFCSP:** Lead Frame Chip Scale Package. * **Dimensions:** 2mm x 2mm, making it suitable for high-density PCB layouts. * **Thermal Pad:** The bottom of the package features an exposed pad that must be soldered to the PCB ground for both electrical grounding and thermal dissipation. --- ### Typical Applications 1. **Military & Aerospace:** Radar systems and Electronic Warfare (EW) receivers. 2. **Test & Measurement:** High-frequency signal Analyzers and oscilloscopes. 3. **Satellite Communications:** Earth stations and VSAT terminals. 4. **Fiber Optics:** Wideband driver amplification. --- ### Pin Configuration Snippet | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | NIC | Not Internally Connected | | 2 | RFIN | RF Input (50 Ohm matched) | | 3-5 | GND | Ground Connection | | 6 | RFOUT | RF Output (50 Ohm matched) | | 7 | VDD | Power Supply Voltage | | 8 | VGG1 | Gate Control (Bias adjustment) |
    ✨ Follow-up Questions
    • ⤷ What are the biasing requirements for the VGG1 pin in the ADL8107?
    • ⤷ How does the noise figure vary across the 6 GHz to 18 GHz frequency range?
    • ⤷ Is there an evaluation board available for testing the ADL8107ACPZN?