전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADL8121ACPZN-R7

  • AI
    ## Technical Overview: ADL8121ACPZN-R7 The **ADL8121ACPZN-R7** is a high-performance, Gallium Arsenide (GaAs), Pseudomorphic High Electron Mobility Transistor (pHEMT), Monolithic Microwave Integrated Circuit (MMIC). It is primarily categorized as a **Low Noise Amplifier (LNA)** designed for high-frequency applications. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Frequency Range** | 0.01 GHz to 12 GHz | | **Gain** | 17 dB (Typical) | | **Noise Figure** | 1.5 dB (at 6 GHz) | | **Output P1dB** | 18 dBm | | **Supply Voltage (Vdd)** | 5V | | **Supply Current (Idd)** | 95 mA | | **Package Type** | 16-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Electronic Characteristics & Functionality #### A. Wideband Performance Unlike narrowband amplifiers, the ADL8121 operates across a massive spectrum (10 MHz to 12 GHz). This makes it a versatile "building block" for systems that require amplification across multiple bands without needing multiple specialized chips. #### B. Low Noise Figure (LNA) The primary "electronic part" function here is to amplify very weak signals coming from an antenna while adding minimal "hiss" or thermal noise. A noise figure of **1.5 dB** is considered excellent for high-frequency microwave applications, ensuring signal integrity. #### C. Integrated I/Os * **50 $\Omega$ Matched:** The input and output are internally matched to 50 ohms. This simplifies the PCB design because external matching networks (inductors/capacitors) are generally not required. * **DC Blocking:** Note that while it is matched, external DC blocking capacitors are typically required on the RF lines to prevent bias voltage from leaking into other stages. --- ### 3. Pin Configuration & Application The device is housed in a small **3mm x 3mm LFCSP** package. This package is chosen for its excellent thermal dissipation and low parasitic inductance, which is critical at 12 GHz. #### Common Applications: * **Military & Aerospace:** Radar and electronic warfare systems. * **Test & Measurement:** High-end signal analyzers and oscilloscopes. * **Communication:** Point-to-point and point-to-multipoint radios, including 5G infrastructure. --- ### 4. Application Circuit Example (Conceptual) ```python # Simplified Block Diagram Representation [ RF_IN ] ---> [ DC Block Cap ] ---> [ ADL8121 ] ---> [ DC Block Cap ] ---> [ RF_OUT ] ^ | [ 5V Vdd ] ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the noise figure of the ADL8121 compare to traditional Silicon-based amplifiers?
    • ⤷ What are the specific biasing requirements for the Vdd and Vgg pins?
    • ⤷ Can this part be used in pulsed power applications or is it strictly CW?