전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM1177-2ARMZ-R7

  • AI
    The **ADM1177-2ARMZ-R7** is a highly integrated Hot Swap Controller and Digital Power Monitor manufactured by Analog Devices. It is designed to allow boards to be safely inserted and removed from a live backplane while providing precise monitoring of power consumption. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Operating Voltage Range** | 3.15 V to 16.5 V | | **Interface** | I2C / SMBus | | **ADC Resolution** | 12-bit | | **Package** | 10-lead MSOP | | **Channels** | Single Channel | | **Protection Features** | Overcurrent, Short Circuit | --- ### 2. Core Functional Blocks The device combines two primary functions into a single chip: #### A. Hot Swap Controller - **Safe Insertion:** Controls an external N-channel MOSFET to limit the inrush current when a board is plugged in. - **Current Limiting:** Features a dual-speed overcurrent protection mechanism. - **Auto-Retry/Latch-off:** Depending on the specific model variation, it can either attempt to restart after a fault or stay powered down. #### B. Digital Power Monitoring - **12-bit ADC:** Converts the voltage across a sense resistor (current) and the voltage on the VCC pin (voltage) into digital data. - **I2C Interface:** Allows a host microprocessor to read the current and voltage values to calculate real-time power consumption. --- ### 3. Pin Configuration Overview | Pin Name | Function | | :--- | :--- | | **VCC** | Supply Input / Voltage Sense. | | **SENSE+ / SENSE-** | Inputs for the external current sense resistor. | | **GATE** | Drives the external N-channel MOSFET. | | **TIMER** | Sets the duration for the current limit "timeout" using an external capacitor. | | **SDA / SCL** | I2C Data and Clock lines for digital communication. | | **ON** | Enable input pin. | --- ### 4. Applications * **Server Backplanes:** Managing power for blade servers. * **Network Switches/Routers:** Protecting line cards. * **Industrial Systems:** Providing telemetry for power rails. * **Base Stations:** Monitoring power draw in telecommunications equipment. --- ### 5. Part Number Breakdown: `ADM1177-2ARMZ-R7` * **ADM1177:** Base model number. * **-2:** Specific I2C address variation (Address 0xAC/0xAD). * **ARMZ:** Package type (MSOP) and RoHS compliance (Z). * **R7:** 7-inch reel (packaging format).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADM1177 and other ADM117x models?
    • ⤷ How do you calculate the sense resistor value for this chip?
    • ⤷ Can this device be used for high-side current sensing only?