전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM1178-2ARMZ-R7

  • AI
    ## Overview of the ADM1178-2ARMZ-R7 The **ADM1178-2ARMZ-R7** is a sophisticated **Hot Swap Controller** and **Digital Power Monitor** integrated into a single chip. It is manufactured by Analog Devices and is designed to allow boards to be safely inserted and removed from a live backplane while providing real-time telemetry of voltage and current via an I2C interface. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Hot Swap Controller & Digital Power Monitor | | **Operating Voltage Range** | 3.15 V to 16.5 V | | **ADC Resolution** | 12-Bit | | **Communication Interface** | I2C / SMBus | | **Package Type** | 10-Lead MSOP (Micro Small Outline Package) | | **Temperature Range** | -40°C to +85°C | | **Mounting Type** | Surface Mount | --- ### Core Electronic Components & Architecture The device integrates several functional blocks that work together to protect and monitor the power path: #### 1. Hot Swap Control The ADM1178 controls an external N-channel MOSFET. When a board is plugged in, the controller regulates the gate voltage to limit the **inrush current**, preventing sparks or voltage drops that could reset other components on the system bus. #### 2. Current Sensing (V SENSE) It monitors current by measuring the voltage drop across an external **shunt resistor**. * **Overcurrent Protection:** If the voltage across the resistor exceeds a programmed threshold, the controller will pull the gate of the MOSFET low to disconnect the load. * **Current Monitoring:** The voltage across the shunt is converted by the internal ADC into a digital value for the host processor. #### 3. 12-Bit Analog-to-Digital Converter (ADC) The integrated ADC performs two primary tasks: * Measures the **Current** (via the sense resistor). * Measures the **Voltage** (at the VCC pin). This data allows the system to calculate real-time power consumption ($P = V \times I$). #### 4. I2C Interface The device acts as an I2C slave. A microcontroller can read the ADC data, check for fault conditions (like overcurrent), or change settings. The `-2` in the part number specifically refers to the **I2C Address** variant (the ADM1178 series has different fixed addresses). --- ### Application Circuit Example To use this part, you typically need: 1. **External N-Channel MOSFET:** To switch the power. 2. **Sense Resistor ($R_{SENSE}$):** To measure current. 3. **Pull-up Resistors:** For the SCL and SDA (I2C) lines. 4. **TIMER Capacitor:** To set the duration the controller allows a fault to persist before shutting down (to prevent nuisance tripping). --- ### Summary of Benefits * **High Integration:** Combines protection and measurement, saving PCB space. * **Safety:** Protects against short circuits and overcurrent conditions. * **Efficiency:** Allows for precise power management and "health monitoring" of hardware modules.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the correct sense resistor value for this chip?
    • ⤷ What is the difference between the ADM1178-1 and the ADM1178-2?
    • ⤷ What are the common failure modes in Hot Swap circuits?