전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM1191-2ARMZ-R7

  • AI
    ## ADM1191-2ARMZ-R7: Electronic Parts & Technical Overview The **ADM1191-2ARMZ-R7** is a high-precision digital power monitor with integrated control capabilities, designed by Analog Devices. It is primarily used for monitoring and protecting power rails in systems like servers, telecommunications, and industrial equipment. ### 1. Key Internal Components & Architecture The device integrates several functional "parts" within its silicon to handle power monitoring and hot-swap control: | Component | Function | | :--- | :--- | | **Current Sense Amplifier** | Measures the voltage drop across an external sense resistor to calculate current flow. | | **12-bit ADC** | Converts analog voltage and current signals into digital data for the I2C interface. | | **Internal Voltage Reference** | Provides a stable baseline for accurate ADC measurements. | | **I2C Serial Interface** | Allows a microcontroller to read voltage/current data and configure alert thresholds. | | **Control Logic** | Handles "Hot-Swap" functionality, managing the gate of an external N-channel MOSFET. | | **SET Pin Circuitry** | Defines the current limit threshold using external resistors. | --- ### 2. Technical Specifications The part number suffix **"2ARMZ-R7"** indicates specific packaging and temperature characteristics. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.15 V to 26 V | | **ADC Resolution** | 12-bit (Current and Voltage) | | **Communication Protocol** | I2C (Fast Mode up to 400 kHz) | | **Package Type** | 10-lead MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | | **Address Pins** | Configurable I2C addresses (up to 16 unique addresses) | --- ### 3. Application Circuitry To function in a real-world electronic circuit, the ADM1191 requires the following peripheral electronic parts: 1. **Sense Resistor ($R_{SENSE}$):** A low-resistance, high-precision resistor used to detect current. 2. **External N-Channel MOSFET:** Controlled by the ADM1191 to connect or disconnect the load (Hot-Swap capability). 3. **Pull-up Resistors:** Required for the SDA (Data) and SCL (Clock) lines of the I2C bus. 4. **Decoupling Capacitors:** Usually 0.1 µF on the $V_{CC}$ pin to filter high-frequency noise. ### 4. Part Number Breakdown * **ADM1191:** Base part number (Digital Power Monitor). * **-2:** Internal variation (often refers to specific default I2C address ranges or feature sets). * **ARMZ:** Package code (MSOP, RoHS compliant). * **R7:** Packaging format (7-inch Tape and Reel, typically 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the ADM1191 calculate power consumption?
    • ⤷ What are the primary differences between the ADM1191 and ADM1192?
    • ⤷ How do you configure the I2C address for this specific chip?