전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM1270ACPZ-R7

  • AI
    ### Overview of the ADM1270ACPZ-R7 The **ADM1270ACPZ-R7** is a high-performance **Hot Swap Controller** manufactured by Analog Devices. It is specifically designed to allow boards to be safely inserted and removed from a live system backplane. It manages the inrush current to prevent system glitches and protects downstream components from overvoltage and overcurrent conditions. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Hot Swap Controller / Overvoltage Protector | | **Operating Voltage Range** | 4 V to 60 V | | **Package Type** | 16-Lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | | **Max Supply Current** | 1.5 mA | | **External MOSFET** | Controls an N-Channel FET | --- ### Core Electronic Functions The ADM1270 functions as an active supervisor for power rails. Its internal circuitry handles several critical electronic tasks: 1. **Inrush Current Limiting:** When a board is first plugged in, the ADM1270 controls the gate of an external N-channel MOSFET. It ramps the voltage slowly to prevent a massive current spike that could damage connectors or drop the system voltage. 2. **Current Sense and Overcurrent Protection:** It uses an external sense resistor to monitor current. If the current exceeds a programmed limit, the controller throttles the MOSFET or shuts it down completely. It offers: * **Circuit Breaker Function:** Rapid shutoff during a short circuit. * **Current Limiting:** Actively regulating current during a transient overload. 3. **Voltage Monitoring:** * **UVLO (Under-Voltage Lock Out):** Ensures the device doesn't start until the input voltage is high enough for stable operation. * **OV (Over-Voltage):** Monitors the input and shuts off the FET if the voltage exceeds a safe threshold. 4. **Automatic Retry or Latch-Off:** Depending on the configuration of the `RETRY` pin, the device can either stay off after a fault (Latch-off) or attempt to restart after a cooling-off period (Auto-retry). --- ### Typical Application Circuit Components When designing with the ADM1270, the following peripheral electronic parts are required: * **N-Channel MOSFET:** The primary switch used to control the load. * **Sense Resistor ($R_{SENSE}$):** A low-ohm resistor placed in the power path to measure current. * **Resistor Dividers:** Used on the `UV` and `OV` pins to set specific voltage trip points. * **Capacitors:** Used on the `TIMER` pin to set the duration of the fault-detection window before the device shuts down. --- ### Applications * **48 V / 24 V Industrial Systems:** Protection for high-voltage rails. * **Base Stations:** Power management in telecommunication infrastructure. * **Server Backplanes:** Ensuring "Hot Plug" capability for blade servers. * **Control/Medical Instrumentation:** High-reliability power path protection.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the appropriate sense resistor value for a specific current limit?
    • ⤷ What are the differences between the Latch-off and Auto-retry modes in this chip?
    • ⤷ Can the ADM1270 be used for reverse polarity protection?