전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM3066EACPZ-R7

  • AI
    ### Overview of ADM3066EACPZ-R7 The **ADM3066EACPZ-R7** is a high-performance, electrostatic discharge (ESD) protected RS-485 transceiver. Manufactured by Analog Devices, it is designed for high-speed, half-duplex bidirectional data communication on multipoint bus transmission lines. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Data Rate** | Up to 50 Mbps | | **Supply Voltage (Vcc)** | 3.0 V to 5.5 V | | **Protocol** | RS-485 / RS-422 | | **Duplex** | Half-Duplex | | **ESD Protection** | ±12 kV IEC61000-4-2 (Contact), ±15 kV (Air Gap) | | **Receiver/Driver** | 1 Driver, 1 Receiver | | **Package** | 8-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Features 1. **High-Speed Communication**: Supporting data rates up to **50 Mbps**, it is suitable for clock synchronization and high-bandwidth industrial control systems. 2. **Flexible Logic Levels**: It features a **V_IO logic supply pin**, allowing the device to interface directly with low-voltage FPGAs or Microcontrollers (down to 1.62 V) without external level shifters. 3. **Robust Protection**: * **ESD Protection**: High immunity against electrical surges and static discharge. * **Short-Circuit Protection**: Driver outputs are protected against excessive power dissipation caused by faults or bus contention. * **Thermal Shutdown**: Prevents damage if the device exceeds safe operating temperatures. 4. **Fail-Safe Receiver**: The receiver includes a fail-safe feature that guarantees a logic high output when the receiver inputs are open, shorted, or idle. --- ### Typical Pin Configuration (8-Lead LFCSP) | Pin Name | Function | Description | | :--- | :--- | :--- | | **RO** | Receiver Output | If A > B by 200mV, RO is HIGH. | | **RE** | Receiver Enable | Active LOW input to enable the receiver. | | **DE** | Driver Enable | Active HIGH input to enable the driver. | | **DI** | Driver Input | Data to be transmitted. | | **GND** | Ground | Reference point. | | **A / B** | Bus Terminals | Non-inverting and Inverting RS-485 nodes. | | **Vcc** | Power Supply | 3.0V to 5.5V input. | --- ### Common Applications * **Industrial Automation**: Process control and motor control networks. * **Building Automation**: HVAC systems and security panels. * **Telecommunications**: High-speed backplane signaling. * **Energy Management**: Smart meters and grid monitoring.
    ✨ Follow-up Questions
    • ⤷ How does the V_IO pin simplify interfacing with 1.8V microcontrollers?
    • ⤷ What is the difference between half-duplex and full-duplex RS-485 transceivers?
    • ⤷ What external termination resistors are recommended for this chip?