전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM3067EARZ-R7

  • AI
    ## Overview of ADM3067EARZ-R7 The **ADM3067EARZ-R7** is a high-performance, full-duplex RS-485 transceiver manufactured by **Analog Devices**. It is designed for high-speed bidirectional data communication on multipoint bus transmission lines. It is particularly noted for its robust protection features and high data rate capabilities. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Protocol** | RS-485 / RS-422 | | **Data Rate** | Up to 50 Mbps | | **Duplex** | Full Duplex (Separate RX and TX lines) | | **Voltage Supply** | 3.0 V to 5.5 V | | **ESD Protection** | ±12 kV (IEC61000-4-2) / ±15 kV (HBM) | | **Nodes on Bus** | Up to 128 nodes | | **Operating Temperature** | -40°C to +125°C | | **Package** | 8-Lead SOIC (Narrow) | --- ### 2. Functional Electronic Components The internal architecture of the ADM3067 consists of several critical functional blocks: #### A. The Driver (Transmitter) * **Differential Output:** Converts standard TTL/CMOS logic levels into differential signals to minimize EMI and improve noise immunity. * **Short-Circuit Protection:** Features a driver-short-circuit current limit to protect the chip in case of line faults. * **Thermal Shutdown:** Includes circuitry that disables the driver if the die temperature exceeds safe limits. #### B. The Receiver * **Failsafe Feature:** Ensures a logic high output when the receiver inputs are open, shorted, or idle on a terminated bus. * **High Input Impedance:** Allows for up to 128 transceivers to be connected to the same bus without degrading the signal. #### C. ESD & Protection Circuitry * Integrated protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT), which is critical for industrial environments where motor noise and power surges are common. --- ### 3. Pin Configuration (8-Lead SOIC) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Power Supply (3.0V to 5.5V) | | 2 | **RO** | Receiver Output | | 3 | **DI** | Driver Input | | 4 | **GND** | Ground | | 5 | **Y** | Non-Inverting Driver Output | | 6 | **Z** | Inverting Driver Output | | 7 | **B** | Inverting Receiver Input | | 8 | **A** | Non-Inverting Receiver Input | --- ### 4. Typical Applications * **Industrial Automation:** Linking PLCs, sensors, and actuators. * **Process Control:** High-speed data exchange in noisy environments. * **Building Automation:** HVAC and security system networking. * **Motor Control:** Feedback loops requiring high data rates (up to 50 Mbps). --- ### 5. Part Number Suffix Breakdown * **EARZ:** Indicates the "Enhanced" version with high ESD protection, "R" for RoHS compliance, and "Z" for Pb-free (Lead-free). * **R7:** Indicates the packaging format, specifically a **7-inch Tape and Reel** (usually containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷What is the difference between half-duplex and full-duplex RS-485 transceivers?
    • ⤷ How does the 'Failsafe' receiver feature work in industrial applications?
    • ⤷ Can the ADM3067 be used with 3.3V and 5V logic levels simultaneously?