전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM7150ARDZ-3.0-R7

  • AI
    The **ADM7150ARDZ-3.0-R7** is a high-performance, ultra-low noise linear regulator (LDO) produced by Analog Devices. It is specifically engineered for noise-sensitive applications where power supply purity is critical. --- ## 1. Key Technical Specifications Below are the primary electrical characteristics of the ADM7150ARDZ-3.0-R7: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.0 V (Fixed) | | **Input Voltage Range** | 4.5 V to 16 V | | **Maximum Output Current** | 800 mA | | **Output Noise** | 1.0 μV rms (100 Hz to 100 kHz) | | **PSRR (Power Supply Rejection Ratio)** | >90 dB (1 kHz to 100 kHz); 60 dB at 1 MHz | | **Dropout Voltage** | 600 mV (typical at 800 mA) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | --- ## 2. Core Features and Functionality ### Ultra-Low Noise Performance The standout feature of this LDO is its output noise density of **1.6 nV/√Hz** above 10 kHz. This makes it ideal for powering sensitive analog-to-digital converters (ADCs), digital-to-analog converters (DACs), and precision oscillators where phase noise must be minimized. ### High PSRR The high Power Supply Rejection Ratio (PSRR) allows the device to effectively "clean" the ripple coming from upstream switching power supplies, ensuring the downstream components receive a steady, clean DC signal. ### The "R7" Suffix & Packaging - **ARDZ**: Indicates the 8-lead SOIC package with an exposed pad for enhanced thermal dissipation. - **-3.0**: Indicates the fixed 3.0V output. - **-R7**: Refers to the "7-inch Reel" packaging format, typically containing 1,000 units, optimized for automated pick-and-place assembly. --- ## 3. Pin Configuration Overview The 8-lead SOIC package utilizes an exposed pad (EP) which must be soldered to the PCB ground plane to manage heat at high currents. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | VREG | Regulated input for the internal control circuitry. | | 2 | VIN | Main input supply voltage. | | 3 | VOUT | Regulated 3.0V output. | | 4 | BYP | Bypass capacitor connection for noise reduction. | | 5 | EN | Enable input (Logic High turns the device ON). | | 6 | REF | Reference voltage output/filter point. | | 7 | REF_SENS | Reference sense input. | | 8 | GND | Ground. | --- ## 4. Typical Application Areas * **RF and Microwave:** Powering VCOs, PLLs, and mixers. * **Medical Instrumentation:** Low-noise imaging and diagnostic tools. * **Communications:** High-speed data converters and base station infrastructure. * **Precision Analog:** Instrumentation amplifiers and high-resolution sensors.
    ✨ Follow-up Questions
    • ⤷ What is the recommended capacitor value for the BYP and VOUT pins to achieve optimal noise performance?
    • ⤷ How does the exposed pad (EP) affect the thermal design of the PCB?
    • ⤷ Can this LDO be used for applications requiring a 5V output instead of 3.0V?