전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM7150ARDZ-3.3-R7

  • AI
    # ADM7150ARDZ-3.3-R7: Technical Overview The **ADM7150ARDZ-3.3-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by **Analog Devices**. It is specifically designed for noise-sensitive applications such as RF, microwave, and precision instrumentation. --- ## 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | 4.5V to 16V | | **Output Current** | 800 mA | | **Dropout Voltage** | 0.6V typical (at 800 mA) | | **Noise Density** | 1.0 nV/√Hz (above 10 kHz) | | **PSRR** | > 90 dB (from 1 kHz to 100 kHz) | | **Package** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Core Electronic Features ### A. Ultra-Low Noise Performance One of the standout features of this part is its noise spectral density. At **1.0 nV/√Hz**, it is one of the quietest regulators on the market. This makes it ideal for powering Phase-Locked Loops (PLLs), Voltage-Controlled Oscillators (VCOs), and high-speed ADCs where power supply noise can directly degrade signal integrity. ### B. High PSRR (Power Supply Rejection Ratio) The ADM7150 provides excellent ripple rejection. This allows it to filter out high-frequency switching noise from upstream DC-DC converters, ensuring a clean 3.3V rail. ### C. Thermal Management The "ARDZ" suffix indicates an **SOIC_N_EP** package. The **Exposed Pad (EP)** is critical because it must be soldered to the PCB ground plane to dissipate heat, as LDOs convert the voltage difference ($V_{in} - V_{out}$) directly into heat. --- ## 3. Pin Configuration | Pin | Name | Function | | :--- | :--- | :--- | | 1 | **VREG** | Regulator Output (internal stage) | | 2 | **VIN** | Input Voltage Supply | | 3 | **EN** | Enable Input (High = On, Low = Off) | | 4 | **GND** | Ground | | 5 | **REF** | Reference Voltage Bypass | | 6 | **BYP** | Low Noise Bypass Capacitor Connection | | 7 | **VOUT** | Regulated 3.3V Output | | 8 | **NC** | No Connect | --- ## 4. Part Number Breakdown ```text ADM7150 A RDZ -3.3 -R7 | | | | | | | | | +-- 7" Reel (Tape & Reel) | | | +------- 3.3V Fixed Output | | +------------- SOIC Package with Exposed Pad | +----------------- Temperature Grade (-40 to +125°C) +------------------------ Device Model Number ``` --- ## 5. Typical Application Circuit To achieve the rated noise performance, the following capacitors are typically required: * **Input Capacitor ($C_{IN}$):** 10 µF (Ceramic) * **Output Capacitor ($C_{OUT}$):** 10 µF (Low ESR Ceramic) * **Bypass Capacitor ($C_{BYP}$):** 1 µF to 10 µF (to reduce noise)
    ✨ Follow-up Questions
    • ⤷ What are the specific capacitor requirements for achieving the 1.0 nV/√Hz noise density?
    • ⤷ How does the ADM7150 compare to the ADM7170 series in terms of noise and current?
    • ⤷ What are the thermal design considerations for the 8-lead SOIC_N_EP package at 800mA load?