전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM7151ARDZ-04-R7

  • AI
    ## ADM7151ARDZ-04-R7: Technical Overview The **ADM7151ARDZ-04-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO). It is designed by Analog Devices to power noise-sensitive precision analog and mixed-signal circuits. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Type** | Adjustable (Fixed 0.4V Reference) | | **Input Voltage Range** | 4.5V to 16V | | **Output Current** | Up to 800 mA | | **Noise Level** | 1.0 µV rms (10 Hz to 100 kHz) | | **PSRR** | >90 dB (1 kHz to 100 kHz) | | **Package** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADM7151 is optimized for signal integrity. Below are the primary electronic sections: * **Error Amplifier:** Compares the feedback voltage from the output to the internal reference. It has very high gain to maintain tight regulation even at high frequencies. * **Low-Noise Reference:** The "heart" of the device. It generates a stable voltage with minimal thermal noise, which is critical for RF and medical applications. * **Pass Transistor:** A PMOS device that controls the current flow from input to output. It is sized to handle up to 800 mA while maintaining low dropout voltage. * **Soft Start Circuitry:** Limits the inrush current during power-up to protect the source and the load. --- ### 3. Application Use Cases Due to its ultra-low noise floor, this part is commonly found in: 1. **Phase-Locked Loops (PLLs) and VCOs:** To prevent phase noise degradation. 2. **ADC/DAC Powering:** To ensure maximum effective number of bits (ENOB) in data converters. 3. **RF Mixers and Amplifiers:** To avoid injecting power supply noise into the signal path. 4. **Medical Imaging:** Where high-resolution sensors require extremely "clean" DC power. --- ### 4. Circuit Implementation (Example) To achieve the specified performance, the output voltage is set via a resistor divider ($R_1, R_2$). ```python # Formula for Output Voltage (Vout) # Vout = Vref * (1 + R1 / R2) # Where Vref = 0.4V (for the -04 variant) V_ref = 0.4 R1 = 10000 # 10k Ohms R2 = 1000 # 1k Ohms V_out = V_ref * (1 + R1 / R2) print(f"Calculated Vout: {V_out}V") # Result: 4.4V ``` --- ### 5. Packaging and Ordering Information The **-R7** suffix indicates that the part is shipped on a **7-inch Tape and Reel**, typically containing 1,000 units. The **ARDZ** signifies the SOIC package with an exposed pad for thermal dissipation, which must be soldered to the PCB ground plane to prevent overheating.
    ✨ Follow-up Questions
    • ⤷ How does the PSRR of the ADM7151 compare to standard LDOs like the LM1117?
    • ⤷ What are the recommended capacitor types for the input and output pins of this LDO?
    • ⤷ Explain the importance of the 'Exposed Pad' for this specific 800mA regulator.