전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM7154ACPZ-2.8-R7

  • AI
    ## Technical Overview: ADM7154ACPZ-2.8-R7 The **ADM7154ACPZ-2.8-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by **Analog Devices**. It is specifically designed for noise-sensitive applications such as RF components, high-speed ADCs, and precision instrumentation. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Output Voltage** | Fixed **2.8V** | | **Input Voltage Range** | 2.3V to 5.5V | | **Maximum Output Current** | 600 mA | | **PSRR** | >90 dB from 1 kHz to 100 kHz; 58 dB at 1 MHz | | **Output Noise** | 1.5 μV rms (10 Hz to 100 kHz) | | **Dropout Voltage** | 120 mV typical (at 600 mA load) | | **Package Type** | 8-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Electronic Components (Internal & External) The device architecture consists of several critical internal blocks and requires specific external components for stability: #### Internal Blocks * **Precision Reference:** An ultra-low noise internal reference that dictates the accuracy and noise floor of the output. * **Error Amplifier:** High-gain amplifier that compares the feedback signal to the reference to maintain a steady 2.8V. * **PMOS Pass Transistor:** The power element that controls current flow. The low RDS(on) of this transistor allows for the low dropout voltage. * **Soft Start Circuitry:** Reduces inrush current during startup to protect downstream components. #### Required External Parts * **Input Capacitor ($C_{IN}$):** Typically a **10 μF** ceramic capacitor is recommended to provide local decoupling. * **Output Capacitor ($C_{OUT}$):** Requires a **10 μF** ceramic capacitor with low ESR for loop stability. * **VREG/VREF Capacitors:** This LDO uses additional pins (VREG and VREF) that require bypass capacitors (typically **1 μF**) to further reduce internal noise. --- ### 3. Application Areas Due to its superior noise performance, this part is commonly used in: 1. **Phase-Locked Loops (PLLs)** and Voltage Controlled Oscillators (VCOs). 2. **Clock Distribution** circuits where jitter must be minimized. 3. **Medical Imaging** sensors. 4. **High-Speed Data Converters** (ADC/DAC) requiring clean power rails. --- ### 4. Part Number Breakdown * **ADM7154:** Base Model (Ultra-low noise 600mA LDO). * **ACPZ:** Lead-free, LFCSP package. * **2.8:** Fixed output voltage of 2.8 Volts. * **R7:** 7-inch reel packaging (Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific layout requirements for the LFCSP package to ensure thermal stability?
    • ⤷ How does the noise performance of the ADM7154 compare to the ADM7150 series?
    • ⤷ Can this LDO be used with an input voltage higher than 5.5V?