전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM7154ARDZ-2.5-R7

  • AI
    ## Overview of ADM7154ARDZ-2.5-R7 The **ADM7154ARDZ-2.5-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by **Analog Devices**. It is specifically designed to provide clean power to noise-sensitive components such as high-resolution ADCs, DACs, and precision oscillators. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Output Voltage** | 2.5V (Fixed) | | **Input Voltage Range** | 2.3V to 5.5V | | **Maximum Output Current** | 600 mA | | **Noise Density** | 1.5 nV/√Hz above 100 kHz | | **PSRR** | >90 dB (1 kHz to 100 kHz); >58 dB (1 MHz) | | **Dropout Voltage** | 120 mV (Typical at 600 mA) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Electronic Features #### A. Ultra-Low Noise Performance The device is engineered for applications where power supply noise can degrade system performance. With a noise spectral density of **1.5 nV/√Hz**, it is among the quietest LDOs in the industry, making it ideal for RF and high-speed digital circuits. #### B. High PSRR (Power Supply Rejection Ratio) This regulator is excellent at filtering out "ripple" or noise coming from an upstream switching power supply. * **Low Frequency:** 90 dB rejection. * **High Frequency:** Maintains high rejection even at 1 MHz, which is critical for modern high-speed electronics. #### C. Precision Enable and Soft Start * **Enable Pin (EN):** Allows the regulator to be turned on or off via logic signals. * **Soft Start:** Includes internal circuitry to limit inrush current during startup, protecting the system from voltage spikes. #### D. Thermal and Overcurrent Protection The chip includes internal thermal shutdown and current-limiting features to prevent damage under fault conditions (e.g., a short circuit or overheating). --- ### 3. Pin Configuration (SOIC-8 EP) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **VREG** | Regulator output for internal circuitry (requires bypass cap). | | 2 | **VIN** | Regulator Input Supply. | | 3 | **EN** | Enable Input (High = On, Low = Off). | | 4 | **GND** | Ground. | | 5 | **REF** | Reference Voltage Output (requires bypass cap). | | 6 | **BYP** | Bypass Pin for noise reduction. | | 7 | **VOUT** | Regulated 2.5V Output. | | 8 | **NC** | No Internal Connection. | | **Pad** | **EPAD** | Exposed Pad; must be soldered to PCB ground for thermal dissipation. | --- ### 4. Typical Application Areas * **Phase-Locked Loops (PLLs)** and Voltage Controlled Oscillators (VCOs). * **High-Speed ADCs/DACs** (where power noise affects SNR/SFDR). * **RF Mixers and Amplifiers.** * **Precision Instrumentation.** --- ### 5. Part Number Breakdown * **ADM7154:** Base Model Series. * **ARDZ:** Package code (8-lead SOIC with Exposed Pad, Lead-Free). * **2.5:** Fixed Output Voltage (2.5V). * **R7:** Packaging format (7-inch Reel, usually 1,000 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended capacitor values for the VIN and VOUT pins?
    • ⤷ How does the exposed pad (EPAD) affect the thermal performance of this LDO?
    • ⤷ Can this regulator be used for 3.3V to 2.5V step-down applications?