전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM7155ARDZ-01-R7

  • AI
    ### Technical Overview: ADM7155ARDZ-01-R7 The **ADM7155ARDZ-01-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO). It is designed specifically to power noise-sensitive precision analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Output Type** | Adjustable (via external resistors) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage Range** | 1.2 V to 3.3 V | | **Maximum Output Current** | 600 mA | | **Ultra-Low Noise** | 0.9 µV rms (100 Hz to 100 kHz) | | **PSRR** | >80 dB (at 1 kHz); >60 dB (at 1 MHz) | | **Package / Case** | 8-SOIC-EP (Exposed Pad) | --- ### 2. Core Functional Components The internal architecture of the ADM7155 is what differentiates it from standard LDOs: * **Error Amplifier:** High-gain amplifier that maintains tight regulation even under fluctuating loads. * **Low Noise Reference:** Utilizes a proprietary architecture to achieve sub-microvolt noise levels, essential for high-resolution Data Converters (ADCs/DACs). * **Precision Enable (EN):** Allows for controlled sequencing of power rails. * **Soft Start (SS):** Reduces inrush current during startup to protect downstream components. * **Thermal and Overcurrent Protection:** Built-in safeguards to prevent silicon damage during fault conditions. --- ### 3. Application Use Cases Due to its extreme cleanliness regarding electrical noise, this part is commonly used in: 1. **Phase-Locked Loops (PLLs) & VCOs:** To prevent phase noise degradation. 2. **High-Speed ADCs/DACs:** Ensuring maximum Effective Number of Bits (ENOB). 3. **Precision Instrumentation:** Powering low-level sensors and signal conditioners. 4. **RF Infrastructure:** Powering base station components and microwave links. --- ### 4. Circuit Implementation Example To set the output voltage ($V_{OUT}$), a resistor divider is placed between the $V_{OUT}$, $V_{FB}$ (Feedback), and Ground pins. ```c // Formula for Output Voltage: V_OUT = V_REF * (1 + R1 / R2) // Where V_REF is typically 1.2V // R1: Resistor between V_OUT and V_FB // R2: Resistor between V_FB and GND ``` --- ### 5. Ordering Information Meaning The suffix **-01-R7** breaks down as follows: * **-01:** Indicates the specific voltage adjustment tier/version. * **-R7:** Specifies the packaging format (7-inch Reel, typically containing 1,000 units).
    ✨ Follow-up Questions
    • ⤷What are the recommended capacitor types for the ADM7155 to ensure stability?
    • ⤷ How does the ADM7155 compare to the ADM7150 in terms of current output?
    • ⤷ What is the importance of the 'Exposed Pad' in the 8-SOIC-EP package?