전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADM823SYKS-R7

  • AI
    ## Overview of ADM823SYKS-R7 The **ADM823SYKS-R7** is a precision supervisory circuit manufactured by Analog Devices. It is primarily designed to monitor power supply voltage levels and code execution integrity in microprocessor-based systems. It combines a reset generator, a watchdog timer, and a manual reset input into a tiny SC70 package. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Manufacturer** | Analog Devices | | **Reset Threshold** | 2.93V (Standard for 3.3V rails) | | **Output Type** | Push-Pull, Active-Low Reset | | **Watchdog Timeout** | 1.6 seconds (Typical) | | **Reset Timeout** | 200 ms (Typical) | | **Supply Voltage (Vcc)** | 1.0V to 5.5V | | **Package / Case** | SC-70-5 (5-Lead) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Main Functional Blocks The device integrates three critical electronic functions to ensure system reliability: 1. **Voltage Monitor:** It continuously monitors the $V_{CC}$ pin. If the voltage drops below the preset threshold (2.93V for the 'S' variant), the device asserts a RESET signal to prevent the processor from operating in an unstable state. 2. **Watchdog Timer (WDI):** This is a safety mechanism. The microprocessor must "pet" or toggle the WDI pin within a specific window (1.6s). If the software freezes and fails to toggle this pin, the ADM823 triggers a system reset. 3. **Manual Reset (MR):** This allows a physical button or an external logic signal to force a system reset regardless of the voltage level or watchdog status. --- ### 3. Pin Configuration (SC70-5) | Pin No. | Name | Function | |:---:|:---|:---| | 1 | **RESET** | Active-low output; remains low while $V_{CC}$ is below threshold or during reset pulse. | | 2 | **GND** | Ground reference (0V). | | 3 | **MR** | Manual Reset input; active-low. | | 4 | **WDI** | Watchdog Input; must be toggled within 1.6s to avoid reset. | | 5 | **Vcc** | Power supply input and monitored voltage. | --- ### 4. Application Circuit Example To implement this part, a bypass capacitor is usually placed on the $V_{CC}$ line to filter noise. ```c // Pseudo-code for Microcontroller handling WDI void main_loop() { while(1) { Perform_System_Tasks(); // Trigger WDI pin to prevent ADM823 from resetting the CPU HAL_GPIO_TogglePin(WDI_GPIO_Port, WDI_Pin); Delay_Ms(100); } } ``` --- ### 5. Typical Use Cases * **Microprocessor Systems:** Ensuring clean startups and preventing "brown-out" glitches. * **Embedded Controllers:** Protecting against software "hangs" via the watchdog timer. * **Automotive/Industrial:** High-reliability environments requiring wide temperature ranges.
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADM823 and the ADM824 series?
    • ⤷ Can the watchdog timer interval be adjusted externally?
    • ⤷ What happens to the RESET pin if Vcc drops below 1.0V?