ADN-134-R
AI

The **ADN-134-R** is a specialized high-performance RF (Radio Frequency) component, specifically a **Surface Mount Bias Tee**. It is designed for broadband applications where DC power needs to be injected into an RF signal path without degrading the signal.
---
### 1. Key Technical Specifications
The ADN-134-R is manufactured by Mini-Circuits and is known for its wide frequency coverage and compact form factor.
| Parameter | Specification |
|:---|:---|
| **Frequency Range** | 10 MHz to 13 GHz |
| **Insertion Loss** | 0.6 dB (typical) |
| **Isolation (RF to DC)** | 35 dB (typical) |
| **Max DC Current** | 500 mA |
| **Max DC Voltage** | 30V |
| **VSWR** | 1.15:1 (typical) |
| **Package Type** | Case Style: GU1604 (Surface Mount) |
---
### 2. Internal Electronic Structure
The device functions as a **diplexer**. Internally, it consists of three primary nodes:
1. **RF Port:** High-pass filter (usually a high-quality capacitor) that allows RF signals through while blocking DC.
2. **DC Port:** Low-pass filter (usually a high-value inductor or choke) that allows DC current through while blocking RF signals from leaking into the power supply.
3. **RF + DC Port (Combined):** The output where the DC bias is "teed" onto the RF transmission line.
---
### 3. Common Applications
In electronic systems, the ADN-134-R is used in the following scenarios:
* **Biasing Amplifiers:** Providing DC power to remote Low Noise Amplifiers (LNAs) through the coaxial cable.
* **Laser Diode Biasing:** Driving high-speed fiber optic transmitters.
* **Active Antennas:** Powering circuitry located at the antenna mast using the signal feed line.
* **Test and Measurement:** Injecting DC offsets into high-speed digital signals for stress testing.
---
### 4. Implementation Example (Schematic Logic)
When integrating the ADN-134-R into a PCB layout, the signal flow follows this logic:
```markdown
[ RF Input ] ----||----[ Combined Port ]---- [ Device Under Test ]
(Cap) |
(Ind)
|
[ DC Input ]
```
---
- ⤷
What is the significance of the 13 GHz upper frequency limit for this component?
- ⤷ How does the ADN-134-R handle heat dissipation at its maximum current of 500 mA?
- ⤷ Can this Bias Tee be used in 5G infrastructure applications?