전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADN8102ACPZ-R7

  • AI
    ## ADN8102ACPZ-R7: Technical Overview The **ADN8102ACPZ-R7** is a high-performance, X-Stream™ digital switch manufactured by **Analog Devices**. It is primarily designed for high-speed serial data routing, specifically for HDMI, DVI, and DisplayPort applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | 4 x 4 Digital Crosspoint Switch | | **Data Rate** | Up to 3.75 Gbps per channel | | **Output Type** | Current Mode Logic (CML) | | **Supply Voltage** | 3.3 V | | **Operating Temperature** | -40°C to +85°C | | **Package** | LFCSP-64 (Lead Frame Chip Scale Package) | --- ### 2. Core Electronic Components & Features #### A. Input Equalization To combat signal degradation over long PCB traces or cables, the ADN8102 features **programmable receive equalization**. This circuitry compensates for inter-symbol interference (ISI) by boosting high-frequency components of the incoming signal. #### B. Output Pre-Emphasis On the output side, the chip utilizes **programmable pre-emphasis**. This allows the signal to "overdrive" the initial transition, ensuring that the signal integrity is maintained even after passing through lossy transmission lines or connectors. #### C. Full Crosspoint Matrix The internal architecture is a non-blocking 4x4 matrix. This means: * Any input can be routed to any output. * One input can be broadcast to all four outputs simultaneously. * Each path is independent, allowing for diverse signal routing configurations. #### D. Low Jitter Performance The device is engineered for ultra-low additive jitter (typically < 40 ps p-p). This is critical for maintaining "eye diagram" openings in high-definition video signals, preventing data errors and "sparkles" in video feeds. --- ### 3. Application Use Cases 1. **HDMI/DVI Switchers:** Routing multiple HD sources (Blu-ray, Gaming Consoles) to a single display. 2. **Digital Video Recorders (DVRs):** Managing internal high-speed data paths between processing units. 3. **Backplane Switching:** Passing high-speed LVDS or CML signals across communication backplanes. --- ### 4. Pinout and Packaging (LFCSP-64) The **ACPZ** suffix indicates the Lead Frame Chip Scale Package. This 64-pin package features an **exposed thermal pad** on the bottom. In PCB design, this pad must be soldered to the ground plane to ensure both electrical stability and heat dissipation, as high-speed switching generates localized thermal energy.
    ✨ Follow-up Questions
    • ⤷What are the specific register settings for programming the equalization levels?
    • ⤷ How does the ADN8102 compare to the ADN8103 in terms of data throughput?
    • ⤷ What are the power consumption characteristics at maximum data rates?