전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADN8834ACBZ-R7

  • AI
    The **ADN8834ACBZ-R7** is a high-performance monolithic TEC (Thermoelectric Cooler) controller manufactured by Analog Devices. It is designed to stabilize the temperature of laser diodes or optical modules. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Input Voltage Range** | 2.7 V to 5.5 V | | **Output Current** | Up to 1.5 A (Continuous) | | **Switching Frequency** | Up to 1 MHz (Programmable) | | **Operating Temperature** | -40°C to +125°C | | **Control Loop** | Digital and Analog compatible (PID) | --- ### ## Key Electronic Features The device integrates several critical components to manage thermal cooling efficiently: 1. **H-Bridge Driver**: It utilizes an integrated H-bridge output stage. This allows the controller to drive current in both directions (Heating and Cooling modes) without needing a negative power supply. 2. **TEC Voltage and Current Monitoring**: It includes dedicated pins to monitor the voltage across the TEC and the current flowing through it, ensuring the Peltier element operates within safe limits. 3. **PWM High-Side Driver**: To improve efficiency, it uses Pulse Width Modulation (PWM) on the high side, while the low side operates in linear mode to reduce electromagnetic interference (EMI). 4. **Error Amplifier**: It contains two programmable gain amplifiers used for the PID (Proportional-Integral-Derivative) compensation loop to maintain precise temperature stability (typically within ±0.01°C). --- ### ## Connection & Pinout Application The WLCSP package is extremely small, making it ideal for space-constrained optical transceivers (like SFP, XFP, or QSFP modules). ```yaml Pin Functions: - VDD: Power Supply Input - SW: Switching node for the inductor - LDR: Linear Driver output - ITEC: TEC Current monitor - VTEC: TEC Voltage monitor - THERM: Thermistor input for temperature sensing ``` --- ### ## Application Circuit Overview In a typical circuit, the ADN8834 works alongside: * **A Thermistor:** To sense the actual temperature of the laser. * **An Inductor & Capacitor:** To filter the PWM output into a smooth DC current for the TEC. * **Resistors/Capacitors:** To tune the PID loop frequency response.
    ✨ Follow-up Questions
    • ⤷ How does the ADN8834 handle PID compensation for temperature stability?
    • ⤷ What are the advantages of the WLCSP package over the LFCSP version?
    • ⤷ Can the ADN8834 be interfaced with a microcontroller for digital temperature control?