전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADN8834ACPZ-R2

  • AI
    The **ADN8834ACPZ-R2** is a high-performance, monolithic TEC (Thermoelectric Cooler) controller designed by Analog Devices. It is primarily used to stabilize the temperature of laser diodes or optical components in communication systems. --- ## 1. Key Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.7 V to 5.5 V | | **Output Current** | Up to 1.5 A (Linear/PWM mode) | | **Control Interface** | Analog Voltage (TEMPSET) | | **Package** | 24-lead LFCSP (4mm x 4mm) | | **Switching Frequency** | Up to 1 MHz (Programmable) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Core Functional Components The ADN8834 integrates several critical electronic stages to manage thermal loads efficiently: ### A. Dual Integrated H-Bridge The device utilizes two power stages to drive the TEC: * **Linear Driver:** Provides low noise and low EMI. * **PWM (Pulse Width Modulation) Driver:** Ensures high efficiency by switching the power output. * **Purpose:** The H-bridge configuration allows the controller to reverse current flow, enabling both **Heating** and **Cooling** modes. ### B. Precision Error Amplifier The controller features an integrated chopper-stabilized instrumentation amplifier. It compares the voltage from a **thermistor** (sensing actual temperature) against a **setpoint voltage**. This allows for temperature stability within $\pm 0.01^\circ C$. ### C. Compensation Network The device requires external resistors and capacitors to create a **PID (Proportional-Integral-Derivative)** control loop. This allows the user to tune the thermal response time and prevent temperature overshoot. --- ## 3. Protection and Monitoring Features To ensure the safety of the sensitive laser diodes, the ADN8834 includes: * **Programmable Current Limits:** Separate limits can be set for heating and cooling to prevent TEC damage. * **Voltage Limit:** Prevents the output voltage from exceeding the TEC's maximum rating. * **TEC Health Monitoring:** A "TEMPOUT" pin provides a real-time analog signal of the current temperature. --- ## 4. Typical Application Circuit ```mermaid graph LR A[Thermistor] --> B[ADN8834 Error Amp] C[Voltage Ref] --> B B --> D[PID Compensation] D --> E[H-Bridge Driver] E --> F[TEC Module] F -.-> A ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADN8834 and the ADN8831?
    • ⤷ How do you calculate the external compensation components for this controller?
    • ⤷ Can the ADN8834 be used for applications requiring more than 1.5A?