전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1032ACPZ-3-R7

  • AI
    ## Overview of ADP1032ACPZ-3-R7 The **ADP1032ACPZ-3-R7** is a high-performance, isolated micropower management unit (PMU) designed by Analog Devices. It combines isolated flyback and buck regulators with integrated data channels, making it an ideal solution for industrial automation and instrumentation applications that require isolated power and communication. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Input Voltage Range** | 4.5 V to 60 V | | **Output Voltage 1 (Vout1)** | 6 V to 28 V (Isolated Flyback) | | **Output Voltage 2 (Vout2)** | 5.15 V, 5.0 V, or 3.3 V (Buck) | | **Isolation Rating** | 3000 V rms | | **Data Channels** | 7 low power digital isolators | | **Package** | 41-Lead LFCSP (6mm x 6mm) | | **Operating Temp** | -40°C to +125°C | --- ### Functional Components The device is divided into three primary electronic sections: #### 1. Isolated Flyback Regulator The primary power stage is an isolated flyback converter. It converts the high input voltage (up to 60V) into an isolated secondary voltage. * **Efficiency:** Designed for high efficiency at light loads. * **Safety:** Provides galvanic isolation between the input and the output. #### 2. Buck Regulator On the secondary side, there is an integrated synchronous buck regulator. * **Purpose:** It steps down the voltage from the flyback output to provide a stable, low-noise supply for local circuitry (like ADCs or Microcontrollers). * **Programmability:** It can be configured for common logic levels (3.3V or 5V). #### 3. Integrated Digital Isolators A unique feature of this part is the inclusion of **7 digital isolation channels**. * **Directionality:** Optimized for SPI (Serial Peripheral Interface) communication and additional GPIO signals. * **Technology:** Uses Analog Devices' *i*Coupler® technology, which is more reliable and consumes less power than traditional optocouplers. --- ### Pin Configuration Example (Key Pins) ```cpp // Representative pin functions for the ADP1032 VIN // Primary side input supply GNDP // Primary side ground VOUT1 // Isolated flyback output VOUT2 // Buck regulator output GNDS // Secondary side (isolated) ground DINx // Digital input channels DOUTx // Digital output channels ``` --- ### Common Applications * **Industrial Automation:** Isolated PLC (Programmable Logic Controller) input/output modules. * **Process Control:** 4 mA to 20 mA loop-powered systems. * **Data Acquisition:** Providing isolated power and data for high-precision ADCs. * **Medical Equipment:** Where patient isolation from the power source is critical.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADP1032 and ADP1031 models?
    • ⤷ How does iCoupler technology compare to traditional optoisolators in this chip?
    • ⤷ What are the thermal management requirements for the LFCSP package in high-voltage designs?