전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1047ARQZ-R7

  • AI
    The **ADP1047ARQZ-R7** is a high-performance, digital power factor correction (PFC) controller manufactured by Analog Devices. It is specifically designed for high-efficiency AC-to-DC power supplies, typically used in servers, telecommunications, and industrial equipment. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Digital PFC Controller (Single Phase) | | **Input Voltage Range** | 3.0 V to 3.6 V (VCC) | | **Communication Protocol** | PMBus / I2C Interface | | **Package Type** | 24-Lead QSOP | | **Operating Temperature** | -40°C to +125°C | | **Switching Frequency** | Programmable up to 400 kHz | --- ### 2. Core Functional Blocks The ADP1047 operates differently than traditional analog controllers by using a **Digital Control Loop**. Below are its primary electronic sections: * **Digital Control Engine:** Unlike analog PWM controllers, it uses an internal DSP (Digital Signal Processor) to calculate the duty cycle. This allows for flexible tuning of the control loop via software rather than changing physical resistors and capacitors. * **High-Resolution PWM:** Generates the signal to drive the external Power MOSFET. * **Current Sensing:** Features dedicated pins for sensing the boost inductor current to ensure precise current shaping (PFC) and over-current protection. * **True Power Metering:** Includes integrated circuitry to measure input voltage, current, and power with high accuracy (vital for "Smart" power supplies). --- ### 3. Key Electronic Features * **Programmable Digital Filters:** Allows for compensation of the feedback loop without hardware changes. * **Inrush Current Control:** Provides integrated logic to manage the initial surge of current when the power supply is first plugged in. * **Protection Suites:** Hardware-integrated protection for Overvoltage (OVP), Overcurrent (OCP), Over-temperature (OTP), and Brownout. * **EEPROM Integration:** The chip has non-volatile memory to store configuration parameters, allowing it to boot up with custom settings without an external microcontroller. --- ### 4. Typical Application Schematic Components To utilize the ADP1047, the following external components are required: 1. **Boost Inductor:** To store energy and step up the voltage. 2. **Power MOSFET:** The switching element controlled by the ADP1047 PWM output. 3. **Shunt Resistor:** For high-side or low-side current sensing. 4. **Voltage Dividers:** To scale down the high AC input and DC output voltages for the controller's ADC pins. ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of digital PFC over traditional analog PFC controllers?
    • ⤷ How does the PMBus interface assist in power management for this chip?
    • ⤷ What is the difference between the ADP1047 and the ADP1048?