전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP1190ACBZ-R7

  • AI
    ## ADP1190ACBZ-R7: Technical Overview The **ADP1190ACBZ-R7** is a high-side load switch manufactured by Analog Devices. It is designed to act as a sophisticated electronic relay that controls power to a specific circuit branch while providing protection and monitoring. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.6 V to 5.5 V | | **Continuous Current** | 500 mA | | **On-Resistance ($R_{ON}$)** | 40 mΩ (Typical at 3.6 V) | | **Quiescent Current** | 0.8 μA (Extremely Low) | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | | **Pin Count** | 4 Pins (VIN, VOUT, EN, GND) | --- ### 2. Core Functional Features * **Integrated Level Shifter:** The `EN` (Enable) pin can be controlled by low-voltage logic (e.g., 1.2V) even when the input voltage is much higher (up to 5.5V). * **Low Shutdown Current:** When the switch is off, it draws less than 1 μA, which is critical for extending battery life in mobile devices. * **Small Form Factor:** The WLCSP package measures approximately **0.8 mm × 0.8 mm**, making it ideal for space-constrained applications like wearables. * **High-Side Switching:** It controls the power rail (positive side) rather than the ground path, which is the standard for most modern digital electronics. --- ### 3. Pin Configuration The device uses a 2x2 ball grid array (BGA/WLCSP). | Pin | Name | Description | | :--- | :--- | :--- | | **A1** | **VIN** | Input voltage source. | | **A2** | **VOUT** | Output voltage to the load. | | **B1** | **EN** | Enable input. High = On, Low = Off. | | **B2** | **GND** | Ground reference. | --- ### 4. Typical Applications The ADP1190 is primarily used in power-sensitive, portable electronics: 1. **Mobile Phones:** To turn off power to camera modules or GPS sensors when not in use. 2. **Wearables:** Managing power for heart rate monitors or Bluetooth chips. 3. **Digital Cameras:** Isolating sub-circuits to prevent parasitic power drain. 4. **Peripheral Power Isolation:** Turning off SD card slots or USB ports to save energy. --- ### 5. Circuit Implementation Example To use this part, you typically place a bypass capacitor on the input to handle voltage spikes. ```c // Concept: Microcontroller Logic to control ADP1190 void power_on_sensor() { digitalWrite(ADP1190_EN_PIN, HIGH); // Switch closes, VOUT = VIN } void power_off_sensor() { digitalWrite(ADP1190_EN_PIN, LOW); // Switch opens, VOUT = 0V } ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R7' suffix in the part number?
    • ⤷ Does the ADP1190 feature thermal shutdown or overcurrent protection?
    • ⤷ What are the advantages of WLCSP packaging over standard SOT-23 packages?