전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP124ACPZ-3.3-R7

  • AI
    The **ADP124ACPZ-3.3-R7** is a high-performance, low-quiescent-current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 3.3V output for portable and space-constrained applications. --- ### ## Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 3.3 V | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 130 mV @ 500 mA load | | **Quiescent Current (No Load)** | 7 µa (Typical) | | **PSRR (Power Supply Rejection Ratio)** | 60 dB @ 100 kHz | | **Operating Temperature Range** | -40°C to +125°C | | **Package / Case** | 8-LFSCP (2x2 mm) | --- ### ## Key Features & Functionality #### 1. Low Quiescent Current The device is optimized for battery-powered electronics. With a ground current of only 7 µA when unloaded, it significantly extends battery life in "always-on" systems. #### 2. Stability with Ceramic Capacitors The ADP124 is designed for stable operation with small 1 µF ceramic input and output capacitors. This reduces the total PCB footprint and cost. #### 3. Protection Mechanisms * **Thermal Overload Protection:** Prevents damage by shutting down the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits current to prevent damage during fault conditions. * **Under-Voltage Lockout (UVLO):** Ensures the device does not operate until the input voltage is high enough for stable performance. #### 4. Precision Enable Pin It features an Enable (EN) pin that allows the regulator to be turned off via a logic signal. In shutdown mode, the current consumption drops to less than 1 µA. --- ### ## Pin Configuration (LFCSP-8) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | VIN | Regulator Input Supply. | | 2, 3 | NC | No Connect (Internally not connected). | | 4 | VOUT | Regulated Output Voltage. | | 5 | EN | Enable Input. High = On, Low = Off. | | 6, 7, 8 | GND | Ground reference. | | EP | Exposed Pad | Should be soldered to the PCB ground plane for thermal dissipation. | --- ### ## Applications * Digital cameras and audio players. * Mobile phones and smartwatches. * Battery-powered medical equipment. * Post-regulation for DC-to-DC converters.
    ✨ Follow-up Questions
    • ⤷ How does the dropout voltage change with different load currents?
    • ⤷ What is the recommended layout for thermal management in the LFCSP package?
    • ⤷ Can this LDO be used for noise-sensitive RF applications?