전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ADP124ARHZ-2.7-R7

  • AI
    The **ADP124ARHZ-2.7-R7** is a high-performance, low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 2.7V output for portable and wireless applications. --- ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.7 V | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage (at 500mA)** | ~130 mV | | **Quiescent Current (No Load)** | 31 μA | | **Shutdown Current** | < 1 μA | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | MSOP-8 (RHZ) | --- ## 2. Functional Components & Features The ADP124 consists of several internal electronic stages to ensure stability and protection: ### Internal Architecture * **Voltage Reference:** A high-precision internal bandgap reference ensures the output remains at 2.7V regardless of temperature changes. * **Error Amplifier:** Constantly compares the output voltage to the reference and adjusts the pass transistor to maintain regulation. * **Pass Transistor:** Uses a P-channel MOSFET, which allows for very low dropout voltages and low ground current. ### Special Features 1. **Enable (EN) Input:** Allows the device to be turned on or off digitally. When disabled, the device enters a "sleep mode" consuming less than 1 μA. 2. **Thermal Overload Protection:** Prevents the chip from burning out if it gets too hot by shutting down the output. 3. **Short-Circuit Protection:** Includes current limiting to protect the regulator if the output is accidentally grounded. 4. **Soft Start:** Reduces inrush current during startup to prevent voltage spikes. --- ## 3. Application Circuits To use this part effectively, external capacitors are required for stability. ```c // Typical Connection Diagram [Input Source (2.3V-5.5V)] ----+---- [VIN] [VOUT] ----+---- [Load (2.7V)] | | [Cin: 1uF Ceramic] [Cout: 1uF Ceramic] | | (GND) (GND) ``` ### Capacitor Requirements * **Input Capacitor ($C_{IN}$):** A 1 μF ceramic capacitor is recommended to improve transient response. * **Output Capacitor ($C_{OUT}$):** A 1 μF ceramic capacitor is **required** for stability. It must have a low Equivalent Series Resistance (ESR). --- ## 4. Typical Applications * Mobile phones and Digital Cameras. * Post-regulation for switching DC-DC converters. * Battery-powered equipment (due to low quiescent current). * Precision analog circuitry requiring low-noise power.
    ✨ Follow-up Questions
    • ⤷ How does the dropout voltage affect the minimum input voltage for this regulator?
    • ⤷ What are the advantages of the MSOP-8 package compared to smaller SOT-23 packages?
    • ⤷ Can I use a capacitor larger than 1uF for the output?